Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD10N60M2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD10N60M2
Description  N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10N60M2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD10N60M2 Datasheet HTML 6Page - STMicroelectronics STD10N60M2 Datasheet HTML 7Page - STMicroelectronics STD10N60M2 Datasheet HTML 8Page - STMicroelectronics STD10N60M2 Datasheet HTML 9Page - STMicroelectronics STD10N60M2 Datasheet HTML 10Page - STMicroelectronics STD10N60M2 Datasheet HTML 11Page - STMicroelectronics STD10N60M2 Datasheet HTML 12Page - STMicroelectronics STD10N60M2 Datasheet HTML 13Page - STMicroelectronics STD10N60M2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Package mechanical data
STB10N60M2, STD10N60M2, STP10N60M2, STU10N60M2
10/24
DocID024710 Rev 2
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
®
packages, depending on their level of environmental compliance. ECOPACK
®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK
®
is an ST trademark.


Similar Part No. - STD10N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10N60DM2 STMICROELECTRONICS-STD10N60DM2 Datasheet
813Kb / 14P
   N-channel 600 V, 0.440 廓 typ., 8 A MDmesh??DM2 Power MOSFET in a DPAK package
June 2016 Rev 1
More results

Similar Description - STD10N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB33N60M2 STMICROELECTRONICS-STB33N60M2 Datasheet
1Mb / 15P
   N-channel 600 V, 0.108 廓 typ., 26 A MDmesh II Plus??low Qg Power MOSFETs in a D2PAK package
November 2013 Rev 2
STB24N60M2 STMICROELECTRONICS-STB24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
STF28N60M2 STMICROELECTRONICS-STF28N60M2 Datasheet
827Kb / 15P
   N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
STF9N60M2 STMICROELECTRONICS-STF9N60M2 Datasheet
884Kb / 15P
   N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages
March 2014 Rev 2
STD11N60M2-EP STMICROELECTRONICS-STD11N60M2-EP Datasheet
807Kb / 16P
   N-channel 600 V, 0.550 (ohm) typ., 7.5 A MDmesh M2 EP Power MOSFET in a DPAK package
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STL9N60M2 STMICROELECTRONICS-STL9N60M2 Datasheet
1Mb / 16P
   N-channel 600 V, 0.76 ??typ., 4.8 A MDmesh II Plus??low Qg Power MOSFET in a PowerFLAT??5x6 HV package
March 2014 Rev 2
STL24N60M2 STMICROELECTRONICS-STL24N60M2 Datasheet
1Mb / 16P
   N-channel 600 V, 0.186 typ., 18 A MDmesh II Plus low Qg Power MOSFET in a PowerFLAT 8x8 HV package
February 2014 Rev 2
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com