Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1689 Datasheet(PDF) 6 Page - Rohm

Part # 2SB1689
Description  PNP -1.5A -12V Low Frequency Amplifier Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1689 Datasheet(HTML) 6 Page - Rohm

  2SB1689 Datasheet HTML 1Page - Rohm 2SB1689 Datasheet HTML 2Page - Rohm 2SB1689 Datasheet HTML 3Page - Rohm 2SB1689 Datasheet HTML 4Page - Rohm 2SB1689 Datasheet HTML 5Page - Rohm 2SB1689 Datasheet HTML 6Page - Rohm 2SB1689 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SB1689
lDimensions (Unit : mm)
Dimension in mm / inches
UMT3
x
S A
A
D
b
c
Q
A3
b2
S
e
e
Pattern of terminal position areas
[Not a recommended pattern of soldering pads]
MIN
MAX
MIN
MAX
A
0.80
1.00
0.031
0.039
A1
0.00
0.10
0.000
0.004
A3
b
0.15
0.30
0.006
0.012
c
0.10
0.20
0.004
0.008
D
1.90
2.10
0.075
0.083
E
1.15
1.35
0.045
0.053
e
HE
2.00
2.20
0.079
0.087
L1
0.20
0.50
0.008
0.020
Lp
0.25
0.55
0.010
0.022
Q
0.10
0.30
0.004
0.012
x
-
0.10
-
0.004
MIN
MAX
MIN
MAX
b2
-
0.50
-
0.020
e1
l1
-
0.65
-
0.026
1.55
0.061
DIM
MILIMETERS
INCHES
0.25
0.010
0.65
0.026
DIM
MILIMETERS
INCHES
6/6
2013.05 - Rev.A


Similar Part No. - 2SB1689

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1689 ROHM-2SB1689 Datasheet
75Kb / 3P
   General purpose amplification (-12V, -1.5A)
2SB1689 ROHM-2SB1689 Datasheet
368Kb / 7P
   PNP -1.5A -12V Low Frequency Amplifier Transistors
2SB1689 ROHM-2SB1689_13 Datasheet
368Kb / 7P
   PNP -1.5A -12V Low Frequency Amplifier Transistors
More results

Similar Description - 2SB1689

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1689 ROHM-2SB1689_13 Datasheet
368Kb / 7P
   PNP -1.5A -12V Low Frequency Amplifier Transistors
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
   Low frequency amplifier (12V, 3A)
US6X5 ROHM-US6X5_1 Datasheet
76Kb / 3P
   Low frequency amplifier (12V, 2A)
US6X6 ROHM-US6X6_1 Datasheet
75Kb / 3P
   Low frequency amplifier (30V, 1.5A)
US6T7 ROHM-US6T7_1 Datasheet
75Kb / 3P
   Low frequency amplifier (-30V, -1.5A)
2SB1697 ROHM-2SB1697 Datasheet
103Kb / 3P
   Low Frequency Amplifier (-12V, -2A)
logo
Diodes Incorporated
ZXTD717MC DIODES-ZXTD717MC Datasheet
199Kb / 7P
   DUAL 12V PNP LOW SATURATION TRANSISTORS
logo
Rohm
2SD2661 ROHM-2SD2661 Datasheet
65Kb / 3P
   Low frequency amplifier transistor(12V,2A)
logo
Diodes Incorporated
ZXTD717MC DIODES-ZXTD717MC_15 Datasheet
199Kb / 7P
   DUAL 12V PNP LOW SATURATION TRANSISTORS
logo
Samsung semiconductor
KSA1175 SAMSUNG-KSA1175 Datasheet
78Kb / 2P
   PNP (LOW FREQUENCY AMPLIFIER)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com