Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3216DJ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3216DJ
Description  36V, 1.3MHz, 0.75A Step-up Converter With Output Disconnect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3216DJ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3216DJ Datasheet HTML 1Page - Monolithic Power Systems MP3216DJ Datasheet HTML 2Page - Monolithic Power Systems MP3216DJ Datasheet HTML 3Page - Monolithic Power Systems MP3216DJ Datasheet HTML 4Page - Monolithic Power Systems MP3216DJ Datasheet HTML 5Page - Monolithic Power Systems MP3216DJ Datasheet HTML 6Page - Monolithic Power Systems MP3216DJ Datasheet HTML 7Page - Monolithic Power Systems MP3216DJ Datasheet HTML 8Page - Monolithic Power Systems MP3216DJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP3216 –36V, 1.3MHz STEP-UP CONVERTER WITH A 0.75A SWITCH
MP3216 Rev. 0.92
www.MonolithicPower.com
4
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the
power inductor and output rectifier to SW.
2
GND
Ground.
3
FB
Feedback Input. Reference voltage is 1.24V, Connect a resistor divider from the
output to this pin.
4
EN
ON/OFF Control Input. A voltage greater than 2V will turn the part on and less than
0.8V will turn the part off. When not used, tie EN to the input source for automatic
startup.
5
IN
Input Supply Pin. IN is the drain of the internal disconnecting N-channel MOSFET.
Must be locally bypassed.
6
L
Inductor Output Pin. L is the source/body of the internal disconnecting N-channel
MOSFET. Connect the inductor to this pin.


Similar Part No. - MP3216DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3216DJ MPS-MP3216DJ Datasheet
190Kb / 4P
   1.3MHz, 36V Boost Converter Evaluation Board
More results

Similar Description - MP3216DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3115 MPS-MP3115 Datasheet
622Kb / 8P
   High-Efficiency, Single-Cell Alkaline, 1.3MHz Synchronous Step-up Converter with Output Disconnect
EV0034 MPS-EV0034 Datasheet
178Kb / 4P
   2A, 1.3MHz Step-Up Converter
MP1527 MPS-MP1527 Datasheet
272Kb / 14P
   2A, 1.3MHz Step-Up Converter
MP3414 MPS-MP3414 Datasheet
480Kb / 14P
   1.8A,1MHz, Synchronous, Step-up Converter with Output Disconnect
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
   400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
MP3415 MPS-MP3415 Datasheet
673Kb / 17P
   3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
EV3216DJ-00A MPS-EV3216DJ-00A Datasheet
190Kb / 4P
   1.3MHz, 36V Boost Converter Evaluation Board
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com