Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3302DJ Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3302DJ
Description  40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302DJ Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3302DJ Datasheet HTML 1Page - Monolithic Power Systems MP3302DJ Datasheet HTML 2Page - Monolithic Power Systems MP3302DJ Datasheet HTML 3Page - Monolithic Power Systems MP3302DJ Datasheet HTML 4Page - Monolithic Power Systems MP3302DJ Datasheet HTML 5Page - Monolithic Power Systems MP3302DJ Datasheet HTML 6Page - Monolithic Power Systems MP3302DJ Datasheet HTML 7Page - Monolithic Power Systems MP3302DJ Datasheet HTML 8Page - Monolithic Power Systems MP3302DJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP3302 –40V, 1.3A, SINGLE-CELL STEP-UP WHITE LED DRIVER WITH SINGLE WIRE DIMMING CONTROL
MP3302 Rev. 0.98
www.MonolithicPower.com
3
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max Units
Operating Input Voltage
VIN
2.5
6
V
Supply Current (Shutdown)
VEN = 0V
4
8
µA
Supply Current (Quiescent)
VFB = 0.15V
690
850
µA
Switching Frequency
fSW
1.0
1.3
1.5
MHz
Maximum Duty Cycle
VFB = 0V
92
%
Under Voltage Lockout
IN Under Voltage Lockout
UVLO
VIN Rising
2.25
2.45
V
Under Voltage Lockout
Hysteresis
92
mV
Open Lamp Shutdown
Threshold
VOV
VOV Rising
40
42
44
V
Enable
EN OFF Threshold
VEN Falling
0.4
V
EN ON Threshold
VEN Rising
0.6
V
Minimum EN Dimming
Threshold
VFB = 0V
0.655
0.7
0.845
V
Maximum EN Dimming
Threshold
VFB = 0.2V
1.275
1.4
1.425
V
Feedback
FB Voltage
VEN = 1.5V
185
200
215
mV
FB Input Bias Current
VFB = 0.1V
-600
-300
nA
Output Switch
SW On-Resistance
(5)
RON
0.5
SW Current Limit
(5)
Duty Cycle = 60%
1.33
A
Thermal Shutdown
(5)
150
°C
Notes:
5) Guaranteed by design.


Similar Part No. - MP3302DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3302DJ7 MPS-MP3302DJ7 Datasheet
138Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3302DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
839Kb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_08 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
   40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
   40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
   40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
   36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
MP3308 MPS-MP3308 Datasheet
314Kb / 13P
   Step-up White LED Driver with Dual PWM Dimming Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com