Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3302DJ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3302DJ
Description  40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302DJ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3302DJ Datasheet HTML 1Page - Monolithic Power Systems MP3302DJ Datasheet HTML 2Page - Monolithic Power Systems MP3302DJ Datasheet HTML 3Page - Monolithic Power Systems MP3302DJ Datasheet HTML 4Page - Monolithic Power Systems MP3302DJ Datasheet HTML 5Page - Monolithic Power Systems MP3302DJ Datasheet HTML 6Page - Monolithic Power Systems MP3302DJ Datasheet HTML 7Page - Monolithic Power Systems MP3302DJ Datasheet HTML 8Page - Monolithic Power Systems MP3302DJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP3302 –40V, 1.3A, SINGLE-CELL STEP-UP WHITE LED DRIVER WITH SINGLE WIRE DIMMING CONTROL
MP3302 Rev. 0.98
www.MonolithicPower.com
4
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
TSOT23-5
Pin #
QFN8
Pin #
Name
Pin Function
1
8
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect
the power inductor and output rectifier to SW. SW can swing between GND
and 36V.
2
1, 5
GND,
Exposed
Pad
Ground. Connect exposed pad to GND plane for proper thermal performance.
3
6
FB
Feedback Input. The MP3302 regulates the voltage across the current sense
resistor between FB and GND. Connect a current sense resistor from the
bottom of the LED string to GND. Connect the bottom of the LED string to FB.
The regulation voltage is 200mV.
4
4
EN
ON/OFF Control and Dimming Command Input. A voltage greater than 0.6V
will turn the part on and less than 0.4V will turn the part off. If the EN pin
voltage is between 0.7V and 1.4V, VFB is regulated between 0V and 200mV.
To use PWM dimming, apply a 200Hz to 1KHz square wave signal with
amplitude greater than 1.5V to this pin.
5
2
IN
Input Supply Pin. Must be locally bypassed.
3
NC
No Connect.


Similar Part No. - MP3302DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3302DJ7 MPS-MP3302DJ7 Datasheet
138Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3302DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
839Kb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_08 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
   40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
   40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
   40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
   36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
MP3308 MPS-MP3308 Datasheet
314Kb / 13P
   Step-up White LED Driver with Dual PWM Dimming Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com