Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3302DD Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3302DD
Description  40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302DD Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3302DD Datasheet HTML 4Page - Monolithic Power Systems MP3302DD Datasheet HTML 5Page - Monolithic Power Systems MP3302DD Datasheet HTML 6Page - Monolithic Power Systems MP3302DD Datasheet HTML 7Page - Monolithic Power Systems MP3302DD Datasheet HTML 8Page - Monolithic Power Systems MP3302DD Datasheet HTML 9Page - Monolithic Power Systems MP3302DD Datasheet HTML 10Page - Monolithic Power Systems MP3302DD Datasheet HTML 11Page - Monolithic Power Systems MP3302DD Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP3302 –40V, 1.3A, SINGLE-CELL STEP-UP WHITE LED DRIVER WITH SINGLE WIRE DIMMING CONTROL
MP3302 Rev. 0.98
www.MonolithicPower.com
10
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
MP3302
SW
IN
FB
GND
EN
C3
R1
R2
D1
B0540
L1
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
GND
EN
VIN
3V-6V
C1
16V
C2
16V
1
28
6
4
1%
Figure 7 — Driving 10 WLEDs in Series with 3V—6V Input Voltage
MP3302
SW
IN
FB
GND
EN
WLED+
WLED-
C4
50V
R1
D2
ZENER
DIODE
D1
B0530F
L1
A
GND
EN
VIN
C1
16V
C2
16V
C3
25V
1
28
6
4
Figure 8 — Driving 27 WLEDs (3 WLEDs in Series and 9 Strings) with 3 V Input Voltage


Similar Part No. - MP3302DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3302DD MPS-MP3302DD Datasheet
156Kb / 4P
   1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3302DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
839Kb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_08 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
   40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
   40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
   40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
   36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
MP3308 MPS-MP3308 Datasheet
314Kb / 13P
   Step-up White LED Driver with Dual PWM Dimming Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com