Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH30MA3WHFV-TR Datasheet(PDF) 8 Page - Rohm

Part # BH30MA3WHFV-TR
Description  Standard CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH30MA3WHFV-TR Datasheet(HTML) 8 Page - Rohm

  BH30MA3WHFV-TR Datasheet HTML 1Page - Rohm BH30MA3WHFV-TR Datasheet HTML 2Page - Rohm BH30MA3WHFV-TR Datasheet HTML 3Page - Rohm BH30MA3WHFV-TR Datasheet HTML 4Page - Rohm BH30MA3WHFV-TR Datasheet HTML 5Page - Rohm BH30MA3WHFV-TR Datasheet HTML 6Page - Rohm BH30MA3WHFV-TR Datasheet HTML 7Page - Rohm BH30MA3WHFV-TR Datasheet HTML 8Page - Rohm BH30MA3WHFV-TR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/8
Technical Note
BH
□□FB1WG series, BH□□FB1WHFV series,
BH
□□LB1WG series, BH□□LB1WHFV series,
BH
□□MA3WHFV series
2010.07 -
Rev. C
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
5
12 3
4
1.6
±0.05
1.0
±0.05
0.8
0.3
32 1
4
5
0.13
±0.05
0.5
0.22
±0.05
(1.2)
(1.4)
0.145
±0.05
0.22
±0.05
0.5
S
3
2
1
4
5
6
1.6
±0.1
(1.8MAX.)
0.1 S
0.1
2.9
±0.2
0.13
4
°
+6
°
- 4
°
+0.05
-0.03
0.42
+0.05
-0.04
0.95
5
4
12
3
(Package Specification) SSOP5, HVSOF5
Package Form
Package Quantity
Package
Orientation
Embossed taping
3000pcs
TR
(When the reel is held with the left hand and the tape is drawn out with the right hand,
the No. 1 pin of the product faces the upper right direction.)
* Please make orders in multiples of the package quantity.
Reel
No. 1 pin
Pulling side
(Package Specification) HVSOF6
Embossed taping
3000pcs
TR
(When the reel is held with the left hand and the tape is drawn out with the right hand,
the No. 1 pin of the product faces the upper right direction.)
* Please make orders in multiples of the package quantity.
HVSOF5
SSOP5
HVSOF6
(Unit:mm)
(Unit:mm)
(Unit:mm)
Package Form
Package Quantity
Package
Orientation


Similar Part No. - BH30MA3WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH30MA3WHFV-TR ROHM-BH30MA3WHFV-TR Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH30MA3WHFV-TR ROHM-BH30MA3WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH30MA3WHFV-TR ROHM-BH30MA3WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BH30MA3WHFV-TR ROHM-BH30MA3WHFV-TR Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results

Similar Description - BH30MA3WHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com