Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMW-C197 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMW-C197
Description  White ChipLEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-C197 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMW-C197 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMW-C197 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-C197 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-C197 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-C197 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-C197 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMW-C197 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMW-C197 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMW-C197 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Optical Characteristics at TA = 25˚C
Luminous
Intensity
Chromaticity
Luminous
Iv (mcd)
Coordinates[2]
Viewing Angle
Efficacy
@ 20 mA[1, 4]
Typ.
2 θ1/2 Degrees[3]
ηv (lm/w)
Part Number
Min.
Typ.
x
y
Typ.
Typ.
HSMW-C120
45
160
0.29
0.27
155
240
HSMW-C130
45
150
0.29
0.27
145
240
HSMW-C191
71.5
200
0.29
0.27
140
240
HSMW-C197
45
160
0.29
0.27
130
240
HSMW-C265
71.5
180
0.29
0.27
150
240
Notes:
1. The luminous intensity, Iv, is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the
lamp package.
2. The dominant wavelength, λd, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
4. Luminous intensity (Iv) tolerance: ± 15%.
Light Intensity (Iv) Bin Limits[1]
Intensity (mcd)
Bin ID
Min.
Max.
A
0.11
0.18
B
0.18
0.29
C
0.29
0.45
D
0.45
0.72
E
0.72
1.10
F
1.10
1.80
G
1.80
2.80
H
2.80
4.50
J
4.50
7.20
K
7.20
11.20
L
11.20
18.00
M
18.00
28.50
N
28.50
45.00
P
45.00
71.50
Q
71.50
112.50
R
112.50
180.00
S
180.00
285.00
T
285.00
450.00
U
450.00
715.00
V
715.00
1125.00
W
1125.00
1800.00
X
1800.00
2850.00
Y
2850.00
4500.00
Note:
1. Bin categories are established for
classification of products. Products may
not be available in all categories. Please
contact your Avago representative for
information on currently available bins.
Tolerance: ± 15%


Similar Part No. - HSMW-C197

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMW-C197 ETC2-HSMW-C197 Datasheet
261Kb / 12P
   AgilentHSMW-C191/130/265/197/120 White ChipLEDs
More results

Similar Description - HSMW-C197

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSMW-C130 ETC2-HSMW-C130 Datasheet
261Kb / 12P
   AgilentHSMW-C191/130/265/197/120 White ChipLEDs
logo
Agilent(Hewlett-Packard...
HSMM-C150 HP-HSMM-C150 Datasheet
229Kb / 8P
   SMT ChipLEDs
logo
Broadcom Corporation.
HSMA-C130 BOARDCOM-HSMA-C130 Datasheet
1Mb / 9P
   Surface Mount ChipLEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMB-C1XX AVAGO-HSMB-C1XX Datasheet
203Kb / 9P
   Surface Mount ChipLEDs
HSMC-C130 AVAGO-HSMC-C130 Datasheet
172Kb / 8P
   Surface Mount ChipLEDs
HSMF-C114 AVAGO-HSMF-C114 Datasheet
87Kb / 8P
   Surface Mount Tricolor ChipLEDs
HSMG-C680 AVAGO-HSMG-C680 Datasheet
369Kb / 8P
   Right Angle Surface Mount ChipLEDs
HSMF-C16X AVAGO-HSMF-C16X Datasheet
154Kb / 9P
   Miniature Bi-Color Surface Mount ChipLEDs
HSMF-C115 AVAGO-HSMF-C115 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C113 AVAGO-HSMF-C113 Datasheet
176Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com