Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3830-BLKG Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3830-BLKG
Description  Surface Mount RF PIN Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3830-BLKG Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-3830-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-3830-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-3830-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-3830-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-3830-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3830-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-3830-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, AvagoTechnologies, and the A logo are trademarks of AvagoTechnologies in the United States and other countries.
Data subject to change. Copyright © 2005-2009 AvagoTechnologies. All rights reserved. Obsoletes 5989-4027EN
AV02-1425EN - June 2, 2009
Figure 13. Options -TR1, -TR2 for SOT-23 Packages.
Tape Dimensions and Product Orientation For Outline SOT-23
Note: "AB" represents package marking code.
"C" represents date code.
END VIEW
8 mm
4 mm
TOP VIEW
ABC
ABC
ABC
ABC
Device Orientation For Outlines SOT-23
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
9
° MAX
A0
P
P0
D
P2
E
F
W
D1
Ko
8
° MAX
B0
13.5
° MAX
t1
DESCRIPTION
SYMBOL
SIZE (mm)
SIZE (INCHES)
LENGTH
WIDTH
DEPTH
PITCH
BOTTOM HOLE DIAMETER
A0
B0
K0
P
D1
3.15
± 0.10
2.77
± 0.10
1.22
± 0.10
4.00
± 0.10
1.00 + 0.05
0.124
± 0.004
0.109
± 0.004
0.048
± 0.004
0.157
± 0.004
0.039
± 0.002
CAVITY
DIAMETER
PITCH
POSITION
D
P0
E
1.50 + 0.10
4.00
± 0.10
1.75
± 0.10
0.059 + 0.004
0.157
± 0.004
0.069
± 0.004
PERFORATION
WIDTH
THICKNESS
W
t1
8.00 +0.30 –0.10
0.229
± 0.013
0.315 +0.012 –0.004
0.009
± 0.0005
CARRIER TAPE
CAVITY TO PERFORATION
(WIDTH DIRECTION)
CAVITY TO PERFORATION
(LENGTH DIRECTION)
F
P2
3.50
± 0.05
2.00
± 0.05
0.138
± 0.002
0.079
± 0.002
DISTANCE
BETWEEN
CENTERLINE


Similar Part No. - HSMP-3830-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-3830-BLK HP-HSMP-3830-BLK Datasheet
99Kb / 12P
   Surface Mount PIN Diodes
More results

Similar Description - HSMP-3830-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-383X AVAGO-HSMP-383X Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
logo
Broadcom Corporation.
HSMP-3832 BOARDCOM-HSMP-3832 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3830 AVAGO-HSMP-3830 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
logo
Broadcom Corporation.
HSMP-3834 BOARDCOM-HSMP-3834 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
HSMP-3833 BOARDCOM-HSMP-3833 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
HSMP-3830 BOARDCOM-HSMP-3830 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
   Surface Mount RF PIN Switch Diodes
logo
Agilent(Hewlett-Packard...
HSMP-3890 HP-HSMP-3890 Datasheet
173Kb / 12P
   Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com