Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3389 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3389
Description  12?밪tring, Step-up White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3389 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3389 Datasheet HTML 3Page - Monolithic Power Systems MP3389 Datasheet HTML 4Page - Monolithic Power Systems MP3389 Datasheet HTML 5Page - Monolithic Power Systems MP3389 Datasheet HTML 6Page - Monolithic Power Systems MP3389 Datasheet HTML 7Page - Monolithic Power Systems MP3389 Datasheet HTML 8Page - Monolithic Power Systems MP3389 Datasheet HTML 9Page - Monolithic Power Systems MP3389 Datasheet HTML 10Page - Monolithic Power Systems MP3389 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP3389—12-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3389 Rev. 1.04
www.MonolithicPower.com
7
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =12V, 14 LEDs in series, 12 strings parallel, 20mA/string, unless otherwise noted.
VSW
20V/div.
VSW
20V/div.
VIN
5V/div.
VLED1
1V/div.
VOUT (AC)
1V/div.
VOUT
20V/div.
ILED1
20mA/div.
ILED
200mA/div.
VSW
20V/div.
VSW
20V/div.
VEN
5V/div.
VOUT
20V/div.
VBOSC
500mV/div.
VOUT
20V/div.
ILED
200mA/div.
ILED
200mA/div.
VSW
20V/div.
VOUT
20V/div.
VPWM1
5V/div.
ILED
200mA/div.
Steady State
Vin Startup
Ven Startup
VSW
20V/div.
VSW
20V/div.
VOUT
20V/div.
VOUT
20V/div.
VFAULT
5V/div.
VLED1
20V/div.
ILED
200mA/div.
VSW
20V/div.
VOUT
50V/div.
VFAULT
5V/div.
ILED
200mA/div.
ILED
100mA/div.
Open LED Protection
open all LED strings at working
Short LED Protection
short VOUT to LEDx at working
Short LED Protection
short VOUT to GND at working
Efficiency vs. Input Voltage
0.7
0.75
0.8
0.85
0.9
0.95
612
18
24
30
INPUT VOLTAGE (V)


Similar Part No. - MP3389

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3389EF MPS-MP3389EF Datasheet
194Kb / 5P
   12 strings White LED Driver Evaluation Board
MP3389EY MPS-MP3389EY Datasheet
147Kb / 4P
   12 strings White LED Driver Evaluation Board
More results

Similar Description - MP3389

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6699EK-L-TR EXAR-SP6699EK-L-TR Datasheet
569Kb / 13P
   27V Step Up White LED Driver
SP6699 EXAR-SP6699 Datasheet
504Kb / 12P
   27V Step Up White LED Driver
logo
Global Mixed-mode Techn...
G5997 GMT-G5997 Datasheet
188Kb / 2P
   Step-up Controller for 12 Strings 60mA White LED Driver
logo
STMicroelectronics
STLED25 STMICROELECTRONICS-STLED25 Datasheet
2Mb / 30P
   5 channels step-up white LED driver
May 2012 Rev 3
logo
Silicon Touch Technolog...
PC112 SITI-PC112 Datasheet
380Kb / 14P
   Step Up Converter for White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
   Step-Up DC-DC Converter, White LED Driver
logo
Allegro MicroSystems
A8430 ALLEGRO-A8430 Datasheet
329Kb / 10P
   White LED Driver Constant Current Step-up Converter
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Will Semiconductor Ltd.
WD3139 WILLSEMI-WD3139 Datasheet
1Mb / 13P
   High Efficiency, 38V Step-Up White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com