Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3394S Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3394S
Description  Step-Up, 4-String Max 200mA/String White LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394S Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3394S Datasheet HTML 1Page - Monolithic Power Systems MP3394S Datasheet HTML 2Page - Monolithic Power Systems MP3394S Datasheet HTML 3Page - Monolithic Power Systems MP3394S Datasheet HTML 4Page - Monolithic Power Systems MP3394S Datasheet HTML 5Page - Monolithic Power Systems MP3394S Datasheet HTML 6Page - Monolithic Power Systems MP3394S Datasheet HTML 7Page - Monolithic Power Systems MP3394S Datasheet HTML 8Page - Monolithic Power Systems MP3394S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP3394S—4-STRING, MAX 200mA/STRING WHITE LED DRIVER
MP3394S Rev. 1.03
www.MonolithicPower.com
4
3/21/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN =12V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
LEDX Regulation Voltage
VLEDX
ILED=60mA
300
mV
PROTECTION
OVP(Over Voltage Protection)
Threshold
VOVP_OV
Rising Edge
1.18
1.23
1.28
V
OVP UVLO threshold
VOVP_UV
Step-up Converter Fails
40
75
110
mV
LEDX UVLO Threshold
VLEDX_UV
106
196
286
mV
LEDX Over Voltage Threshold
VLEDX_OV
5.6
6.1
6.6
V
Thermal Shutdown Threshold
TST
150
°C
Notes:
5) Matching is defined as the difference of the maximum to minimum current divided by 2 times average currents.


Similar Part No. - MP3394S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394SGS MPS-MP3394SGS Datasheet
289Kb / 6P
   4 strings 120mA White LED Driver Evaluation Board
More results

Similar Description - MP3394S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
   Step-up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
   Step-Up, 4-String Max 350mA/String White LED Driver
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
   50V, 8-String, Step-Up, White LED Driver
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
   4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
   4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
   50V, 4-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com