Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3397 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3397
Description  Step-Up, 4-String Max 350mA/String White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3397 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3397 Datasheet HTML 3Page - Monolithic Power Systems MP3397 Datasheet HTML 4Page - Monolithic Power Systems MP3397 Datasheet HTML 5Page - Monolithic Power Systems MP3397 Datasheet HTML 6Page - Monolithic Power Systems MP3397 Datasheet HTML 7Page - Monolithic Power Systems MP3397 Datasheet HTML 8Page - Monolithic Power Systems MP3397 Datasheet HTML 9Page - Monolithic Power Systems MP3397 Datasheet HTML 10Page - Monolithic Power Systems MP3397 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP3397—4-STRING, MAX 350mA/STRING WHITE LED DRIVER
MP3397 Rev. 1.01
www.MonolithicPower.com
7
9/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =12V, 10 LEDs in series, 4 strings in parallel, 220mA/string, unless otherwise noted.
VSW
20V/div.
VCOMP
1V/div.
VOUT
20V/div.
ILED
2A/div.
Steady State
VSW
20V/div.
VOUT
20V/div.
VIN
10V/div.
ILED
500mA/div.
Vin Startup
VSW
20V/div.
VOUT
20V/div.
VEN
5V/div.
ILED
500mA/div.
Ven Startup
VSW
20V/div.
VBOSC
1V/div.
VOUT
20V/div.
ILED
1A/div.
DC Burst Dimming
VPWM = 0.9V, CBOSC = 2.2nF
VSW
20V/div.
VOUT
20V/div.
VPWM
5V/div.
ILED
1A/div.
External PWM Dimming
fPWM = 200Hz, DPWM = 50%
VSW
20V/div.
VOUT
20V/div.
ILED
1A/div.
Open LED Protection
Open all LED strings at working
VSW
20V/div.
VOUT
20V/div.
ILED
1A/div.
Open LED Protection
Open one LED string at working
VSW
20V/div.
VOUT
20V/div.
VLED1
20V/div.
ILED
1A/div.
Short LED Protection
Short a string at working
Efficiency vs. Vin
INPUT VOLTAGE (V)
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
94.0%
96.0%
98.0%
100.0%
10 12 14 16 18 20 22 24 26


Similar Part No. - MP3397

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3391 MPS-MP3391 Datasheet
569Kb / 18P
   8-Channel, 120mA/ch Step-Up WLED Driver Controller
MP3391EF MPS-MP3391EF Datasheet
569Kb / 18P
   8-Channel, 120mA/ch Step-Up WLED Driver Controller
MP3391EF MPS-MP3391EF Datasheet
204Kb / 7P
   8 String White LED Driver Evaluation Board
MP3391EY MPS-MP3391EY Datasheet
569Kb / 18P
   8-Channel, 120mA/ch Step-Up WLED Driver Controller
MP3391EY MPS-MP3391EY Datasheet
192Kb / 7P
   8 String White LED Driver Evaluation Board
More results

Similar Description - MP3397

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
   Step-Up, 4-String Max 200mA/String White LED Driver
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
   Step-up, 4-String Max 200mA/String White LED Driver
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
   4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
   Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
   50V, 8-String, Step-Up, White LED Driver
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
   4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
   50V, 4-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com