Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3397 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3397
Description  Step-Up, 4-String Max 350mA/String White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3397 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3397 Datasheet HTML 5Page - Monolithic Power Systems MP3397 Datasheet HTML 6Page - Monolithic Power Systems MP3397 Datasheet HTML 7Page - Monolithic Power Systems MP3397 Datasheet HTML 8Page - Monolithic Power Systems MP3397 Datasheet HTML 9Page - Monolithic Power Systems MP3397 Datasheet HTML 10Page - Monolithic Power Systems MP3397 Datasheet HTML 11Page - Monolithic Power Systems MP3397 Datasheet HTML 12Page - Monolithic Power Systems MP3397 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP3397—4-STRING, MAX 350mA/STRING WHITE LED DRIVER
MP3397 Rev. 1.01
www.MonolithicPower.com
9
9/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
The MP3397 employs a programmable constant-
frequency, peak-current–mode step-up converter
with 4 channels or regulated current sources to
drive an array of up to 4 strings of white LEDs.
Internal 6V Regulator
The MP3397 includes an internal linear regulator
(VCC). When VIN is greater than 6.5V, this
regulator outputs a 6V power supply to the
external MOSFET switch gate driver and the
internal control circuitry. The VCC voltage drops
to 0V when the chip shuts down. The MP3397
features under-voltage lockout (UVLO). The chip
is disabled until VCC exceeds the UVLO
threshold. The UVLO hysteresis is approximately
200mV.
System Startup
When enabled, the MP3397 checks the topology
connection first. The chip monitors the over-
voltage protection (OVP) pin to see if the
Schottky diode is not connected or if the boost
output is shorted to GND. An OVP voltage of less
than 70mV will disable the chip. The MP3397
also checks other safety limits, including UVLO
and over-temperature protection (OTP) after
passing the OVP test. If all the protection tests
pass, the chip then starts boosting the step-up
converter with an internal soft-start.
The enable signal must occur after the
establishment of the input voltage and PWM
dimming signal during the start-up sequence.
Step-Up Converter
The
converter
operating
frequency
is
programmable (from 150kHz to 500kHz) with an
external set resistor on the OSC pin. This
flexibility helps to optimize the size of external
components and improve the efficiency.
At the beginning of each cycle, the internal clock
turns on the external MOSFET. A stabilizing
ramp added to the output of the current sense
amplifier prevents sub-harmonic oscillations for
duty cycles greater than 50 percent. This result is
fed into the PWM comparator. When this
resulting voltage rises to the level of the error
amplifier output voltage (VCOMP), the external
MOSFET turns off.
The output voltage of the internal error amplifier
is an amplified signal of the difference between
the reference voltage and the feedback voltage.
The converter automatically chooses the lowest
active LEDX pin voltage to provide a high-
enough bus voltage to power all the LED arrays.
If the feedback voltage drops below the
reference, the output of the error amplifier
increases. This result in more current flowing
through the MOSFET, thus increasing the power
delivered to the output. This forms a closed loop
that regulates the output voltage.
Under light-load operation—where VOUT ≈ VIN—
the converter runs in pulse-skipping mode where
the MOSFET turns on for a minimum on-time of
approximately 100ns, and then the converter
discharges the power to the output for the
remaining period. The external MOSFET remains
off until the output voltage needs to be boosted
again.
Dimming Control
The MP3397 provides two PWM dimming
methods: external PWM signal or DC-input PWM
dimming mode (see Figure 2).
+
-
DPWM
Oscillator
DPWM
Comparator
DBRT
BOSC
Ex-PWM Input
CBOSC
DPWM Output
Figure 2—PWM Dimming Method


Similar Part No. - MP3397

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3391 MPS-MP3391 Datasheet
569Kb / 18P
   8-Channel, 120mA/ch Step-Up WLED Driver Controller
MP3391EF MPS-MP3391EF Datasheet
569Kb / 18P
   8-Channel, 120mA/ch Step-Up WLED Driver Controller
MP3391EF MPS-MP3391EF Datasheet
204Kb / 7P
   8 String White LED Driver Evaluation Board
MP3391EY MPS-MP3391EY Datasheet
569Kb / 18P
   8-Channel, 120mA/ch Step-Up WLED Driver Controller
MP3391EY MPS-MP3391EY Datasheet
192Kb / 7P
   8 String White LED Driver Evaluation Board
More results

Similar Description - MP3397

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
   Step-Up, 4-String Max 200mA/String White LED Driver
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
   Step-up, 4-String Max 200mA/String White LED Driver
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
   4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
   Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
   50V, 8-String, Step-Up, White LED Driver
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
   4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
   50V, 4-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com