Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3425 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3425
Description  3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3425 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3425 Datasheet HTML 1Page - Monolithic Power Systems MP3425 Datasheet HTML 2Page - Monolithic Power Systems MP3425 Datasheet HTML 3Page - Monolithic Power Systems MP3425 Datasheet HTML 4Page - Monolithic Power Systems MP3425 Datasheet HTML 5Page - Monolithic Power Systems MP3425 Datasheet HTML 6Page - Monolithic Power Systems MP3425 Datasheet HTML 7Page - Monolithic Power Systems MP3425 Datasheet HTML 8Page - Monolithic Power Systems MP3425 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP3425- 3A, 55V BOOST CONVERTER WITH PROGRAMMABLE SWITCHING FREQUENCY AND UVLO
MP3425 Rev.1.02
www.MonolithicPower.com
3
6/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
3.1
22
V
Undervoltage Lockout
VIN Rising
2.8
3.1
V
Undervoltage Lockout
Hysteresis
250
mV
VDD Voltage
Gate drive Voltage supply
VVDD
C = 10nF
6
V
Supply Current (Shutdown)
VEN = 0V
1
μA
Supply Current (Quiescent)
VFB = 1.35V
650
900
μA
Switching Frequency
FSET = 84.5kΩ
0.44
0.55
0.66
MHz
Minimum Off time
VFB = 0V
100
ns
Minimum On time
VFB = 1.35V
100
ns
EN High Threshold
VEN Rising (switching)
1.45
1.5
1.55
V
EN High Threshold
VEN Rising (micro power)
1.0
V
EN Low Threshold
0.5
V
EN Input Bias Current
VEN = 0V, 5V
0.1
1
μA
UVLO Hysteresis current
into EN pin
1.0 < EN < 1.4
4
μA
Soft-Start Current
5
μA
FB Voltage
1.200
1.225
1.250
V
FB Input Bias Current
-200
-100
nA
Error Amp Voltage Gain
AVEA
300
V/V
Error Amp
Transconductance (
A
V
μ
)
GEA
160
μmho
Error Amp Output Current
20
μA
GCS : I(SW) / Vcomp
GCS
9
A/V
SW On-Resistance
RON
90
mΩ
SW Current Limit
Duty Cycle = 0%
3.5
5
A
Thermal Shutdown
160
°C


Similar Part No. - MP3425

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3425DL MPS-MP3425DL Datasheet
187Kb / 4P
   Boost Converter With a 55V, 3.5A Switch
More results

Similar Description - MP3425

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MPQ3425 MPS-MPQ3425 Datasheet
1Mb / 28P
   3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
Rev. 1.1 7/6/2023
MPQ3425-AEC1 MPS-MPQ3425-AEC1 Datasheet
808Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
EVQ3426-L-00A MPS-EVQ3426-L-00A Datasheet
307Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
EV3426-L-00A MPS-EV3426-L-00A Datasheet
541Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
MPQ3426 MPS-MPQ3426 Datasheet
544Kb / 17P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO AEC-Q100 Qualified
EV4570-F-01A MPS-EV4570-F-01A Datasheet
521Kb / 9P
   3A, 55V, Frequency Programmable Step-Down Converter
EV4570-F-00A MPS-EV4570-F-00A Datasheet
442Kb / 9P
   3A, 55V, Frequency programmable Step-Down Converter
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
   3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com