Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4032-1 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4032-1
Description  Primary-Side-Controlled, Offline LED Driver with Fully-Integrated Internal MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4032-1 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4032-1 Datasheet HTML 4Page - Monolithic Power Systems MP4032-1 Datasheet HTML 5Page - Monolithic Power Systems MP4032-1 Datasheet HTML 6Page - Monolithic Power Systems MP4032-1 Datasheet HTML 7Page - Monolithic Power Systems MP4032-1 Datasheet HTML 8Page - Monolithic Power Systems MP4032-1 Datasheet HTML 9Page - Monolithic Power Systems MP4032-1 Datasheet HTML 10Page - Monolithic Power Systems MP4032-1 Datasheet HTML 11Page - Monolithic Power Systems MP4032-1 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MP4032-1—PRIMARY-SIDE-CONTROLLED, OFFLINE LED DRIVER WITH FULLY-INTEGRATED MOSFET
MP4032-1 Rev. 1.02
www.MonolithicPower.com
8
7/15/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=120VAC, IO=350mA, VO=18V, 6LEDs in series, Lm=2.6mH, Np:Ns:Naux=96:16:20, TRIAC
dimmable, without ripple suppressor.
ILED
200mA/div.
VCOMP
1V/div.
VCC
10V/div.
VDRAIN
200V/div.
ILED
200mA/div.
VCOMP
2V/div.
VCC
10V/div.
VDRAIN
200V/div.
ILED
200mA/div.
VCOMP
2V/div.
VCC
10V/div.
VCS
500mV/div.
VZCD
2V/div.
VCOMP
2V/div.
VCC
10V/div.
VDRAIN
200V/div.
VZCD
2V/div.
VCS
1V/div.
VDRAIN
200V/div.
Steady State
Steady State
VIN
200V/div.
IIN
100mA/div.
Steady State
VCOMP
1V/div.
VMULT
1V/div.
ILED
100mA/div.
IIN
200mA/div.
VCOMP
1V/div.
VMULT
1V/div.
ILED
50mA/div.
IIN
200mA/div.
VCOMP
1V/div.
VMULT
1V/div.
ILED
10mA/div.
IIN
200mA/div.


Similar Part No. - MP4032-1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4032-1 MPS-MP4032-1 Datasheet
568Kb / 15P
   108VAC to 132VAC/60Hz, 18VOUT/350mA Primary-Side-Control with Active PFC Off-Line Dimmable LED Driver Evaluation Board
More results

Similar Description - MP4032-1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4032-2 MPS-MP4032-2 Datasheet
597Kb / 20P
   Offline LED Driver with Fully-Integrated Internal MOSFET
logo
Fairchild Semiconductor
FLS3217 FAIRCHILD-FLS3217 Datasheet
787Kb / 14P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver with Integrated Power MOSFET
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
Monolithic Power System...
EV4034-S-00A MPS-EV4034-S-00A Datasheet
412Kb / 15P
   85VAC-265VAC/50Hz, 40V/130mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00B MPS-EV4034-S-00B Datasheet
1,014Kb / 15P
   85VAC-265VAC/50Hz, 10V/350mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
   Primary Side Control Offline LED Controller with Active PFC
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
   Primary-Side-Control, Offline LED Controller with Active PFC
logo
Diodes Incorporated
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
AL1697 DIODES-AL1697_17 Datasheet
324Kb / 13P
   HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com