Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62W2568LL-70SLIT Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY62W2568LL-70SLIT
Description  256K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62W2568LL-70SLIT Datasheet(HTML) 2 Page - Lyontek Inc.

  LY62W2568LL-70SLIT Datasheet HTML 1Page - Lyontek Inc. LY62W2568LL-70SLIT Datasheet HTML 2Page - Lyontek Inc. LY62W2568LL-70SLIT Datasheet HTML 3Page - Lyontek Inc. LY62W2568LL-70SLIT Datasheet HTML 4Page - Lyontek Inc. LY62W2568LL-70SLIT Datasheet HTML 5Page - Lyontek Inc. LY62W2568LL-70SLIT Datasheet HTML 6Page - Lyontek Inc. LY62W2568LL-70SLIT Datasheet HTML 7Page - Lyontek Inc. LY62W2568LL-70SLIT Datasheet HTML 8Page - Lyontek Inc. LY62W2568LL-70SLIT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LY62W2568
Rev. 1.7
256K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
FEATURES
 Fast access time : 55/70ns
 Low power consumption:
Operating current : 20/18mA (TYP.)
Standby current : 1
A (TYP.)
 Single 2.7V ~ 5.5V power supply
 All outputs TTL compatible
 Fully static operation
 Tri-state output
 Data retention voltage : 1.5V (MIN.)
 Green package available
 Package : 32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
32-pin 450 mil SOP
32-pin 600 mil P-DIP
36-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY62W2568 is a 2,097,152-bit low power
CMOS static random access memory organized as
262,144 words by 8 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The LY62W2568 is well designed for very low power
system applications, and particularly well suited for
battery back-up nonvolatile memory application.
The LY62W2568 operates from a single power
supply of 2.7V ~ 5.5V and all outputs are fully TTL
compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY62W2568
0 ~ 70℃
2.7 ~ 5.5V
55/70ns
1µA
20/18mA
LY62W2568(I)
-40 ~ 85℃
2.7 ~ 5.5V
55/70ns
1µA
20/18mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
256Kx8
MEMORY ARRAY
COLUMN I/O
A0-A17
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A17
Address Inputs
DQ0
– DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - LY62W2568LL-70SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62W2568PL-55LL LYONTEK-LY62W2568PL-55LL Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568PL-55LLI LYONTEK-LY62W2568PL-55LLI Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568PL-55SL LYONTEK-LY62W2568PL-55SL Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568PL-55SLI LYONTEK-LY62W2568PL-55SLI Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568PL-70LL LYONTEK-LY62W2568PL-70LL Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62W2568LL-70SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C2008 ALSC-AS6C2008 Datasheet
3Mb / 13P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568 Datasheet
222Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_16 Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com