Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY1152 Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY1152
Description  Inverting DC/DC Controller (SOP)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY1152 Datasheet(HTML) 5 Page - Lyontek Inc.

  LY1152_12 Datasheet HTML 1Page - Lyontek Inc. LY1152_12 Datasheet HTML 2Page - Lyontek Inc. LY1152_12 Datasheet HTML 3Page - Lyontek Inc. LY1152_12 Datasheet HTML 4Page - Lyontek Inc. LY1152_12 Datasheet HTML 5Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LY1152
Rev. 1.2
Inverting DC/DC Controller (SOP)
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
PACKAGE OUTLINE DIMENSION
8-PIN SOP (150 mil) PACKAGE OUTLINE DIMENSION:


Similar Part No. - LY1152_12

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY1152 LYONTEK-LY1152_17 Datasheet
204Kb / 5P
   Inverting DC/DC Controller (SOP)
More results

Similar Description - LY1152_12

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY1152 LYONTEK-LY1152_17 Datasheet
204Kb / 5P
   Inverting DC/DC Controller (SOP)
logo
Silicon Standard Corp.
SS6652 SSC-SS6652 Datasheet
104Kb / 6P
   Micro-Power Inverting DC/DC Controller
SS6650 SSC-SS6650 Datasheet
496Kb / 6P
   High-Efficiency, Inverting DC/DC Controller
logo
Linear Technology
LTC3863 LINER-LTC3863_15 Datasheet
493Kb / 38P
   60V Low IQ Inverting DC/DC Controller
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9505 TOREX-XC9505_1 Datasheet
3Mb / 50P
   2 ch.Step-Down / Inverting DC/DC Controller ICs.
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
logo
Linear Technology
LTC3896 LINER-LTC3896 Datasheet
391Kb / 8P
   High Voltage, Low IQ, Synchronous Inverting DC/DC Controller
logo
Torex Semiconductor
XC9504 TOREX-XC9504_1 Datasheet
2Mb / 53P
   2 ch. Step-Up / Inverting DC/DC Controller ICs
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
   1.0MHz Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com