Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY65W256RL-25LLI Datasheet(PDF) 7 Page - Lyontek Inc.

Part # LY65W256RL-25LLI
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY65W256RL-25LLI Datasheet(HTML) 7 Page - Lyontek Inc.

Back Button LY65W256RL-25LLI Datasheet HTML 3Page - Lyontek Inc. LY65W256RL-25LLI Datasheet HTML 4Page - Lyontek Inc. LY65W256RL-25LLI Datasheet HTML 5Page - Lyontek Inc. LY65W256RL-25LLI Datasheet HTML 6Page - Lyontek Inc. LY65W256RL-25LLI Datasheet HTML 7Page - Lyontek Inc. LY65W256RL-25LLI Datasheet HTML 8Page - Lyontek Inc. LY65W256RL-25LLI Datasheet HTML 9Page - Lyontek Inc. LY65W256RL-25LLI Datasheet HTML 10Page - Lyontek Inc. LY65W256RL-25LLI Datasheet HTML 11Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LY65W256
Rev. 1.1
32K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
6
®
WRITE CYCLE 1 (WE# Controlled) (1,2,3,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
tWP
tCW
CE#
tWR
tAS
tAW
Address
tWC
(4)
TOW
WRITE CYCLE 2 (CE# Controlled) (1,2,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
tWP
tCW
CE#
tWR
tAS
tAW
Address
tWC
Notes :
1.WE#, CE# must be high during all address transitions.
2.A write occurs during the overlap of a low CE#, low WE#.
3.During a WE# controlled write cycle with OE# low, tWP must be greater than tWHZ + tDW to allow the drivers to turn off and data to be
placed on the bus.
4.During this period, I/O pins are in the output state, and input signals must not be applied.
5.If the CE# low transition occurs simultaneously with or after WE# low transition, the outputs remain in a high impedance state.
6.tOW and tWHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.


Similar Part No. - LY65W256RL-25LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY65W1024JL-25LL LYONTEK-LY65W1024JL-25LL Datasheet
391Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY65W1024JL-25LLI LYONTEK-LY65W1024JL-25LLI Datasheet
391Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY65W1024JL-25LLIT LYONTEK-LY65W1024JL-25LLIT Datasheet
391Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY65W1024JL-25LLT LYONTEK-LY65W1024JL-25LLT Datasheet
391Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY65W1024LL-25LL LYONTEK-LY65W1024LL-25LL Datasheet
391Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY65W256RL-25LLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65256 LYONTEK-LY65256_12 Datasheet
325Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256_1008 LYONTEK-LY61256_1008 Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A615308 AMICC-A615308 Datasheet
199Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256_1008 LYONTEK-LY61L256_1008 Datasheet
172Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com