Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA123EKA Datasheet(PDF) 2 Page - Rohm

Part # DTA123EKA
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA123EKA Datasheet(HTML) 2 Page - Rohm

  DTA123EKA Datasheet HTML 1Page - Rohm DTA123EKA Datasheet HTML 2Page - Rohm DTA123EKA Datasheet HTML 3Page - Rohm DTA123EKA Datasheet HTML 4Page - Rohm DTA123EKA Datasheet HTML 5Page - Rohm DTA123EKA Datasheet HTML 6Page - Rohm DTA123EKA Datasheet HTML 7Page - Rohm DTA123EKA Datasheet HTML 8Page - Rohm DTA123EKA Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA123E series
Absolute maximum ratings (Ta = 25
C)
Supply voltage
Input voltage
Output current
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Electrical characteristics(Ta = 25
C)
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
MHz
Transition frequency
fT
*1
VCE = 10V, IE = 5mA,
f = 100MHz
-
250
-
k
Resistance ratio
R2/R1
-
0.8
1
1.2
-
Input resistance
R1
-
1.54
2.2
2.86
A
DC current gain
GI
VO = 5V, IO = 5mA
20
---
Output current
IO(off)
VCC = 50V, VI = 0V
--
0.5
V
Input current
II
VI = -5V
--
3.8
mA
Output voltage
VO(on)
IO / II = 10mA / 0.5mA
-
0.1
0.3
V
VI(on)
VO = 0.3V, IO =10mA
3
--
0.5
Input voltage
VI(off)
VCC = 5V, IO = 100μA
--
Parameter
Symbol
Conditions
Unit
Min.
Typ.
Max.
Tj
150
C
Tstg
55 to 150
C
IC(MAX.)
*1
100
mA
DTA123EM
DTA123EE
PD
*2
150
mW
DTA123EUA
DTA123EKA
200
mW
VIN
12 to 10
V
IO
100
mA
Parameter
Symbol
Values
Unit
VCC
50
V
2/8
2012.02 - Rev.C


Similar Part No. - DTA123EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123EKA ROHM-DTA123EKA Datasheet
68Kb / 3P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EKA ROHM-DTA123EKA Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
DTA123EKA ROHM-DTA123EKA Datasheet
165Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA123EKA ROHM-DTA123EKA Datasheet
345Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA123EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123E ROHM-DTA123E Datasheet
345Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com