Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA143ZEB Datasheet(PDF) 1 Page - Rohm

Part # DTA143ZEB
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA143ZEB Datasheet(HTML) 1 Page - Rohm

  DTA143ZEB Datasheet HTML 1Page - Rohm DTA143ZEB Datasheet HTML 2Page - Rohm DTA143ZEB Datasheet HTML 3Page - Rohm DTA143ZEB Datasheet HTML 4Page - Rohm DTA143ZEB Datasheet HTML 5Page - Rohm DTA143ZEB Datasheet HTML 6Page - Rohm DTA143ZEB Datasheet HTML 7Page - Rohm DTA143ZEB Datasheet HTML 8Page - Rohm DTA143ZEB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DTA143Z series
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Datasheet
l
lOutline
Parameter
Value
VMT3
EMT3F
VCC
-50V
 
 
 
 
IC(MAX.)
-100mA
R1
4.7kΩ
DTA143ZM
DTA143ZEB
R2
47kΩ
(SC-105AA)
(SC-89)
EMT3
UMT3F
l
lFeatures
 
 
 
 
1) Built-In Biasing Resistors
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) The bias resistors consist of thin-film resistors
 with complete isolation to allow negative biasing
 of the input. They also have the advantage of
 completely eliminating parasitic effects.
4) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
5) Complementary NPN Types: DTC143Z series
6) Lead Free/RoHS Compliant.
DTA143ZE
DTA143ZUB
SOT-416(SC-75A)
(SC-85)
UMT3
SMT3
 
 
 
 
DTA143ZUA
DTA143ZKA
SOT-323(SC-70)
SOT-346(SC-59)
l
lInner circuit
l
lApplication
Switching circuit, Inverter circuit, Interface circuit,
Driver circuit
l
lPackaging specifications
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTA143ZM
VMT3
1212
T2L
180
8
8000
E13
DTA143ZEB
EMT3F
1616
TL
180
8
3000
E13
DTA143ZE
EMT3
1616
TL
180
8
3000
E13
DTA143ZUB
UMT3F
2021
TL
180
8
3000
113
DTA143ZUA
UMT3
2021
T106
180
8
3000
113
DTA143ZKA
SMT3
2928
T146
180
8
3000
E13
                                                                                         
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
1/10
20121023 - Rev.001


Similar Part No. - DTA143ZEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
554Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143ZEB ROHM-DTA143ZEB Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
DTA143ZEB ROHM-DTA143ZEB Datasheet
554Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
554Kb / 11P
   DTA143Z series
More results

Similar Description - DTA143ZEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123E ROHM-DTA123E Datasheet
345Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com