Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY65W1024JL-25LLIT Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY65W1024JL-25LLIT
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY65W1024JL-25LLIT Datasheet(HTML) 4 Page - Lyontek Inc.

  LY65W1024JL-25LLIT Datasheet HTML 1Page - Lyontek Inc. LY65W1024JL-25LLIT Datasheet HTML 2Page - Lyontek Inc. LY65W1024JL-25LLIT Datasheet HTML 3Page - Lyontek Inc. LY65W1024JL-25LLIT Datasheet HTML 4Page - Lyontek Inc. LY65W1024JL-25LLIT Datasheet HTML 5Page - Lyontek Inc. LY65W1024JL-25LLIT Datasheet HTML 6Page - Lyontek Inc. LY65W1024JL-25LLIT Datasheet HTML 7Page - Lyontek Inc. LY65W1024JL-25LLIT Datasheet HTML 8Page - Lyontek Inc. LY65W1024JL-25LLIT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LY65W1024
Rev. 1.1
128K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
3
®
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
3.0
3.3
5.5
V
Input High Voltage
VIH
*1
VCC=3.0~3.6V
2.0
-
VCC+0.5
V
VCC=4.5~5.5V
2.4
-
VCC+0.5
V
Input Low Voltage
VIL
*2
VCC=3.0~3.6V
- 0.5
-
0.6
V
VCC=4.5~5.5V
- 0.5
-
0.8
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -4mA
2.2
-
-
V
Output Low Voltage
VOL
IOL = 8mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL and CE2 = VIH,
II/O = 0mA,
Others at VIL or VIH
-
30
55
mA
Standby Power
Supply Current
ISB
CE# = VIH or CE2 = VIL
Others at VIL or VIH
-
0.3
5
mA
ISB1
CE#
V
CC
-0.2V or CE2≦0.2V
Others at 0.2V or VCC-0.2V
-
1
50
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25℃
CAPACITANCE (TA = 25 , f
= 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6pF
Input/Output Capacitance
CI/O
-
8pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0.2V to VCC -0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -4mA/8mA


Similar Part No. - LY65W1024JL-25LLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY65W256JL-25LL LYONTEK-LY65W256JL-25LL Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256JL-25LLI LYONTEK-LY65W256JL-25LLI Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256JL-25LLIT LYONTEK-LY65W256JL-25LLIT Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256JL-25LLT LYONTEK-LY65W256JL-25LLT Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256RL-25LL LYONTEK-LY65W256RL-25LL Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY65W1024JL-25LLIT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com