Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5325G-TR Datasheet(PDF) 1 Page - Rohm

Part # BD5325G-TR
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5325G-TR Datasheet(HTML) 1 Page - Rohm

  BD5325G-TR Datasheet HTML 1Page - Rohm BD5325G-TR Datasheet HTML 2Page - Rohm BD5325G-TR Datasheet HTML 3Page - Rohm BD5325G-TR Datasheet HTML 4Page - Rohm BD5325G-TR Datasheet HTML 5Page - Rohm BD5325G-TR Datasheet HTML 6Page - Rohm BD5325G-TR Datasheet HTML 7Page - Rohm BD5325G-TR Datasheet HTML 8Page - Rohm BD5325G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Product structure
Silicon monolithic integrated circuit
This product is not designed for protection against radioactive rays
.
1/13
Datasheet
TSZ02201-0R7R0G300040-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
TSZ22111
14
001
www.rohm.com
Voltage Detector IC Series
Free Delay Time Setting
CMOS Voltage Detector IC Series
BD52xx series
BD53xx series
General Description
Rohm's
BD52xx and
BD53xx
series
are
highly
accurate, low current consumption Voltage Detector
ICs with a capacitor-controlled time delay. The line up
includes BD52xx devices with N channel open drain
output and BD53xx devices with CMOS output. The
devices are available for specific detection voltages
ranging from 2.3V to 6.0V in increments of 0.1V.
Features
Delay Time Controlled by external Capacitor
Two output types (N channel open drain and CMOS
output)
Ultra-low current consumption
Very small and low height package
Package SSOP5 is similar to SOT-23-5(JEDEC)
Key Specifications
Detection voltage:
2.3V to 6.0V (Typ.)
0.1V steps
High accuracy detection voltage:
±1.0%
Ultra-low current consumption:
0.95µA (Typ.)
Package
SSOP5:
2.90mm x 2.80mm x 1.25mm
VSOF5:
1.60mm x 1.60mm x 0.60mm
Applications
Circuits using microcontrollers or logic circuits that
require a reset.
Typical Application Circuit
Connection Diagram
SSOP5
VSOF5
Pin Descriptions
SSOP5
VSOF5
PIN No.
Symbol
Function
PIN No.
Symbol
Function
1
VOUT
Reset Output
1
VOUT
Reset Output
2
VDD
Power Supply Voltage
2
SUB
Substrate*
3
GND
GND
3
CT
Capacitor connection terminal for
output delay time
4
N.C.
Unconnected Terminal
4
GND
GND
5
CT
Capacitor connection terminal for
output delay time
5
VDD
Power Supply Voltage
*Connect the substrate to GND.
Open Drain Output type
BD52xx Series
CMOS Output type
BD53xx Series
VDD1
BD52xx
VDD2
GND
CL
(Capacitor for
noise filtering)
CT
RL
RST
Micro
controller
VDD1
BD53xx
GND
CT
CL
(Capacitor for
noise filtering)
RST
Micro
controller
TOP VIEW
TOP VIEW
VOUT
VDD
GND
N.C.
CT
Lot. No
Marking
GND
VOUT
SUB
CT
VDD
4
3
2
1
5
Marking
Lot. No


Similar Part No. - BD5325G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5325G-TR ROHM-BD5325G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5325G-TR ROHM-BD5325G-TR Datasheet
410Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5325G-TR ROHM-BD5325G-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5325G-TR ROHM-BD5325G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5325G-TR ROHM-BD5325G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5325G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com