Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC115EKA Datasheet(PDF) 1 Page - Rohm

Part # DTC115EKA
Description  NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC115EKA Datasheet(HTML) 1 Page - Rohm

  DTC115EKA Datasheet HTML 1Page - Rohm DTC115EKA Datasheet HTML 2Page - Rohm DTC115EKA Datasheet HTML 3Page - Rohm DTC115EKA Datasheet HTML 4Page - Rohm DTC115EKA Datasheet HTML 5Page - Rohm DTC115EKA Datasheet HTML 6Page - Rohm DTC115EKA Datasheet HTML 7Page - Rohm DTC115EKA Datasheet HTML 8Page - Rohm DTC115EKA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DTC115E series
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
Datasheet
l
lOutline
Parameter
Value
VMT3
EMT3F
VCC
50V
 
 
 
 
IC(MAX.)
100mA
R1
100kΩ
DTC115EM
DTC115EEB
R2
100kΩ
(SC-105AA)
(SC-89)
EMT3
UMT3
l
lFeatures
 
 
 
 
1) Built-In Biasing Resistors, R1 = R2 = 100kΩ
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) The bias resistors consist of thin-film resistors
 with complete isolation to allow negative biasing
 of the input. They also have the advantage of
 completely eliminating parasitic effects.
4) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
5) Complementary PNP Types: DTA115E series
6) Lead Free/RoHS Compliant.
DTC115EE
DTC115EUA
SOT-416(SC-75A)
SOT-323(SC-70)
SMT3
 
 
 
 
 
 
DTC115EKA
 
SOT-346(SC-59)
 
l
lInner circuit
l
lApplication
Switching circuit, Inverter circuit, Interface circuit,
Driver circuit
l
lPackaging specifications
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC115EM
VMT3
1212
T2L
180
8
8000
29
DTC115EEB
EMT3F
1616
TL
180
8
3000
29
DTC115EE
EMT3
1616
TL
180
8
3000
29
DTC115EUA
UMT3
2021
T106
180
8
3000
29
DTC115EKA
SMT3
2928
T146
180
8
3000
29
                                                                                         
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
1/9
20121023 - Rev.001


Similar Part No. - DTC115EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC115EKA ROHM-DTC115EKA Datasheet
68Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTC115EKA LRC-DTC115EKA Datasheet
27Kb / 1P
   Digital transistors(built-in resistors)
logo
Rohm
DTC115EKA ROHM-DTC115EKA Datasheet
82Kb / 3P
   Digital transistors (built-in resistors)
DTC115EKA ROHM-DTC115EKA Datasheet
188Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC115EKA ROHM-DTC115EKA Datasheet
540Kb / 10P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTC115EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123EKAT146 ROHM-DTC123EKAT146 Datasheet
1Mb / 4P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143ZEBTL ROHM-DTC143ZEBTL Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC144E ROHM-DTC144E_12 Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC124EKAT146 ROHM-DTC124EKAT146 Datasheet
571Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors
DTC143XUAT106 ROHM-DTC143XUAT106 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC113ZUAT106 ROHM-DTC113ZUAT106 Datasheet
928Kb / 7P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC115GU3HZG ROHM-DTC115GU3HZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123JCAHZG ROHM-DTC123JCAHZG Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com