Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6164DL-10E Datasheet(PDF) 6 Page - Lyontek Inc.

Part # LT6164DL-10E
Description  8K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LT6164DL-10E Datasheet(HTML) 6 Page - Lyontek Inc.

Back Button LT6164DL-10E Datasheet HTML 2Page - Lyontek Inc. LT6164DL-10E Datasheet HTML 3Page - Lyontek Inc. LT6164DL-10E Datasheet HTML 4Page - Lyontek Inc. LT6164DL-10E Datasheet HTML 5Page - Lyontek Inc. LT6164DL-10E Datasheet HTML 6Page - Lyontek Inc. LT6164DL-10E Datasheet HTML 7Page - Lyontek Inc. LT6164DL-10E Datasheet HTML 8Page - Lyontek Inc. LT6164DL-10E Datasheet HTML 9Page - Lyontek Inc. LT6164DL-10E Datasheet HTML 10Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LY6164
Rev. 1.4
8K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
TIMING WAVEFORMS
READ CYCLE 1 (Address Controlled) (1,2)
Dout
Data Valid
tOH
tAA
Address
tRC
Previous Data Valid
READ CYCLE 2 (CE# and CE2 and OE# Controlled) (1,3,4,5)
Dout
Data Valid
tOH
OE#
High-Z
High-Z
tCLZ
tOLZ
tOE
tCHZ
tOHZ
CE2
tACE
CE#
tAA
Address
tRC
Notes :
1.WE# is high for read cycle.
2.Device is continuously selected OE# = low, CE# = low., CE2 = high.
3.Address must be valid prior to or coincident with CE# = low, CE2 = high; otherwise tAA is the limiting parameter.
4.tCLZ, tOLZ, tCHZ and tOHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.
5.At any given temperature and voltage condition, tCHZ is less than tCLZ , tOHZ is less than tOLZ.


Similar Part No. - LT6164DL-10E

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT616 LETEX-LT616 Datasheet
146Kb / 4P
   Photo DMOS-FET Relay
More results

Similar Description - LT6164DL-10E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY6564 LYONTEK-LY6564_12 Datasheet
330Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY65W64 LYONTEK-LY65W64_12 Datasheet
334Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM6164 UMC-UM6164 Datasheet
286Kb / 5P
   8K X 8 HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
   Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com