Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6164JL-12E Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LT6164JL-12E
Description  8K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LT6164JL-12E Datasheet(HTML) 3 Page - Lyontek Inc.

  LT6164JL-12E Datasheet HTML 1Page - Lyontek Inc. LT6164JL-12E Datasheet HTML 2Page - Lyontek Inc. LT6164JL-12E Datasheet HTML 3Page - Lyontek Inc. LT6164JL-12E Datasheet HTML 4Page - Lyontek Inc. LT6164JL-12E Datasheet HTML 5Page - Lyontek Inc. LT6164JL-12E Datasheet HTML 6Page - Lyontek Inc. LT6164JL-12E Datasheet HTML 7Page - Lyontek Inc. LT6164JL-12E Datasheet HTML 8Page - Lyontek Inc. LT6164JL-12E Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LY6164
Rev. 1.4
8K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
PIN CONFIGURATION
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
Vss
NC
Vcc
A8
A9
A11
A10
DQ7
DQ6
DQ5
DQ4
DQ3
Skinny PDIP/SOJ
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
CE2
CE#
OE#
WE#
STSOP
DQ3
A11
A9
A8
CE2
DQ2
A10
NC
A12
A7
A6
A5
Vcc
DQ7
DQ6
DQ5
DQ4
Vss
DQ1
DQ0
A0
A1
A2
A4
A3
LY6164
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
OE#
WE#
CE#
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 6.5
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
0 to 70(C grade)
-20 to 80(E grade)
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
CE#
CE2
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
X
High-Z
ISB1
X
L
X
X
High-Z
ISB1
Output Disable
L
H
H
H
High-Z
ICC
Read
L
H
L
H
DOUT
ICC
Write
L
H
X
L
DIN
ICC
Note:
H = VIH, L = VIL, X = Don't care.


Similar Part No. - LT6164JL-12E

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT616 LETEX-LT616 Datasheet
146Kb / 4P
   Photo DMOS-FET Relay
More results

Similar Description - LT6164JL-12E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY6564 LYONTEK-LY6564_12 Datasheet
330Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY65W64 LYONTEK-LY65W64_12 Datasheet
334Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM6164 UMC-UM6164 Datasheet
286Kb / 5P
   8K X 8 HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
   Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com