Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY6264PL-55SL Datasheet(PDF) 8 Page - Lyontek Inc.

Part # LY6264PL-55SL
Description  8K X 8 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6264PL-55SL Datasheet(HTML) 8 Page - Lyontek Inc.

Back Button LY6264PL-55SL Datasheet HTML 4Page - Lyontek Inc. LY6264PL-55SL Datasheet HTML 5Page - Lyontek Inc. LY6264PL-55SL Datasheet HTML 6Page - Lyontek Inc. LY6264PL-55SL Datasheet HTML 7Page - Lyontek Inc. LY6264PL-55SL Datasheet HTML 8Page - Lyontek Inc. LY6264PL-55SL Datasheet HTML 9Page - Lyontek Inc. LY6264PL-55SL Datasheet HTML 10Page - Lyontek Inc. LY6264PL-55SL Datasheet HTML 11Page - Lyontek Inc. LY6264PL-55SL Datasheet HTML 12Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LY6264
Rev. 2.8
8K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
7
®
DATA RETENTION CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VCC for Data Retention
VDR
CE#
V
CC
-0.2Vor CE2 ≦ 0.2V
1.5
-
5.5
V
Data Retention Current
IDR
VCC = 1.5V
CE#
V
CC
- 0.2V
or CE2 ≦ 0.2V
Othersat 0.2V or VCC-0.2V
LL/LLE/LLI
-
0.5
20
µA
SL
SLE
SLI
25℃
-
0.5
2
µA
40℃
-
1
3
µA
SL
-
0.5
8
µA
SLE/SLI
-
0.5
15
µA
Chip Disable to Data
Retention Time
tCDR
See Data Retention
Waveforms (below)
0
-
-
ns
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
DATA RETENTION WAVEFORM
Low Vcc Data Retention Waveform (1) (
CE# controlled)
Vcc
CE#
VDR ≧ 1.5V
CE#
V
cc-0.2V
Vcc(min.)
VIH
tR
tCDR
VIH
Vcc(min.)
Low Vcc Data Retention Waveform (2) (CE2 controlled)
Vcc
CE2
VDR ≧ 1.5V
CE2 ≦ 0.2V
Vcc(min.)
VIL
tR
tCDR
VIL
Vcc(min.)


Similar Part No. - LY6264PL-55SL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6264PL LYONTEK-LY6264PL Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6264PL-55SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com