Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP60N06HD Datasheet(PDF) 6 Page - Motorola, Inc

Part # MTP60N06HD
Description  TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP60N06HD Datasheet(HTML) 6 Page - Motorola, Inc

  MTP60N06HD Datasheet HTML 1Page - Motorola, Inc MTP60N06HD Datasheet HTML 2Page - Motorola, Inc MTP60N06HD Datasheet HTML 3Page - Motorola, Inc MTP60N06HD Datasheet HTML 4Page - Motorola, Inc MTP60N06HD Datasheet HTML 5Page - Motorola, Inc MTP60N06HD Datasheet HTML 6Page - Motorola, Inc MTP60N06HD Datasheet HTML 7Page - Motorola, Inc MTP60N06HD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTP60N06HD
6
Motorola TMOS Power MOSFET Transistor Device Data
t, TIME
Figure 11. Reverse Recovery Time (trr)
di/dt = 300 A/
µs
Standard Cell Density
High Cell Density
tb
trr
ta
trr
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain–to–source voltage and
drain current that a transistor can handle safely when it is for-
ward biased. Curves are based upon maximum peak junc-
tion temperature and a case temperature (TC) of 25°C. Peak
repetitive pulsed power limits are determined by using the
thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance –
General Data and Its Use.”
Switching between the off–state and the on–state may tra-
verse any load line provided neither rated peak current (IDM)
nor rated voltage (VDSS) is exceeded, and that the transition
time (tr, tf) does not exceed 10 µs. In addition the total power
averaged over a complete switching cycle must not exceed
(TJ(MAX) – TC)/(R
θJC).
A power MOSFET designated E–FET can be safely used
in switching circuits with unclamped inductive loads. For reli-
able operation, the stored energy from circuit inductance dis-
sipated in the transistor while in avalanche must be less than
the rated limit and must be adjusted for operating conditions
differing from those specified. Although industry practice is to
rate in terms of energy, avalanche energy capability is not a
constant. The energy rating decreases non–linearly with an
increase of peak current in avalanche and peak junction tem-
perature.
Although many E–FETs can withstand the stress of drain–
to–source avalanche at currents up to rated pulsed current
(IDM), the energy rating is specified at rated continuous cur-
rent (ID), in accordance with industry custom. The energy rat-
ing must be derated for temperature as shown in the
accompanying graph (Figure 13). Maximum energy at cur-
rents below rated continuous ID can safely be assumed to
equal the values indicated.
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 12. Maximum Rated Forward Biased
Safe Operating Area
25
150
50
100
125
75
0
600
400
300
200
100
500
Figure 13. Maximum Avalanche Energy versus
Starting Junction Temperature
0.1
1.0
10
100
1
10
100
1000
dc
100
µs
1 ms
10 ms
10
µs
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 20 V
SINGLE PULSE
TC = 25°C
ID = 60 A


Similar Part No. - MTP60N06HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP60N06HD ONSEMI-MTP60N06HD Datasheet
229Kb / 8P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
logo
VBsemi Electronics Co.,...
MTP60N06HD VBSEMI-MTP60N06HD Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - MTP60N06HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP60N05HDL MOTOROLA-MTP60N05HDL Datasheet
166Kb / 8P
   TMOS POWER FET 60 AMPERES 50 VOLTS RDS(on) = 0.014 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
   TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
   TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
   TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
MTD20N06V MOTOROLA-MTD20N06V Datasheet
257Kb / 10P
   TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTP15N06VL MOTOROLA-MTP15N06VL Datasheet
216Kb / 8P
   TMOS POWER FET 15 AMPERES 60 VOLTS RDS(on) = 0.085 OHM
MTP3055V MOTOROLA-MTP3055V Datasheet
160Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTP36N06V MOTOROLA-MTP36N06V Datasheet
188Kb / 8P
   TMOS POWER FET 32 AMPERES 60 VOLTS RDS(on) = 0.04 OHM
MTP50N06EL MOTOROLA-MTP50N06EL Datasheet
232Kb / 8P
   TMOS POWER FET 50 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com