Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

962-60206-03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 962-60206-03
Description  PC/104, PC/104-Plus, VarPol connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

962-60206-03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  962-60206-03 Datasheet HTML 1Page - List of Unclassifed Manufacturers 962-60206-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
170
ept GmbH & Co. KG I Phone +49 (0) 88 61/25 01 0 I Fax +49 (0) 88 61/55 07 I E-mail sales@ept.de I www.ept.de
Press-fit technology
No. of
contacts
Perform-
ance level
Termination length
Part number
40
II
962-60206-03
962-60206-12
962-60206-17
40
III
962-60202-03
962-60202-12
962-60202-17
64
II
962-60326-03
962-60326-12
962-60326-17
64
III
962-60322-03
962-60322-12
962-60322-17
Accessories
– Guiding block (see page 174)
– Press-fit tool (see page 214)
– Support tool (see page 215)
Note
– * Rear mating zone Ni, Au
– At a contact length of 12.2 mm a guiding block is scope
of delivery
PC/104, PC/104-Plus, VarPol connector
PC/104
Female connector
Hole pattern
Hole pattern


Similar Part No. - 962-60206-03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
962-1822001VXC TI1-962-1822001VXC Datasheet
2Mb / 49P
[Old version datasheet]   TPS7H2211-SP and TPS7H2211-SEP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
REVISED JULY 2023
logo
Magnetrol International...
962-5DA0-032 MAGNETROL-962-5DA0-032 Datasheet
440Kb / 12P
   Echotel짰 Model 961/962 Ultrasonic Level Switches
962-7DA1-135 MAGNETROL-962-7DA1-135 Datasheet
1,002Kb / 36P
   Ultrasonic Single and Dual Point Level Switches
More results

Similar Description - 962-60206-03

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLL8XPC ADL-ADLL8XPC Datasheet
278Kb / 3P
   PC/104-Plus
logo
List of Unclassifed Man...
PCM-9112 ETC2-PCM-9112 Datasheet
284Kb / 1P
   PC-104 Plus Modules
PCM-3115 ETC-PCM-3115 Datasheet
285Kb / 1P
   PC/104-Plus PCMCIA Module
logo
Advantech Co., Ltd.
PCM-3620 ADVANTECH-PCM-3620 Datasheet
356Kb / 1P
   USB 2.0/IEEE 1394a PC/104-Plus Module 4 SATA PC/104-Plus Module
logo
Samtec, Inc
ESQT-117-03-L-D-310 SAMTEC-ESQT-117-03-L-D-310 Datasheet
1Mb / 1P
   PC/104-PLUS??SELF-NESTING SOCKETS
logo
List of Unclassifed Man...
VL-EPM-16V ETC2-VL-EPM-16V Datasheet
656Kb / 2P
   PC/104-Plus Single Board Computer
VL-EPM-V4 ETC2-VL-EPM-V4 Datasheet
682Kb / 2P
   PC/104-Plus Video Expansion Module
VL-EPM-24SU ETC2-VL-EPM-24SU Datasheet
690Kb / 2P
   PC/104 -Plus Single Board Computer
EPM-VID-3 ETC2-EPM-VID-3 Datasheet
376Kb / 2P
   PC/104-Plus Video Expansion Module
VL-EPM-15S ETC2-VL-EPM-15S Datasheet
712Kb / 2P
   PC/104-Plus Single Board Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com