Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM4YJ103KR05 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSM4YJ103KR05
Description  5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM4YJ103KR05 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSM4YJ103KR05 Datasheet HTML 1Page - Vishay Siliconix TSM4YJ103KR05 Datasheet HTML 2Page - Vishay Siliconix TSM4YJ103KR05 Datasheet HTML 3Page - Vishay Siliconix TSM4YJ103KR05 Datasheet HTML 4Page - Vishay Siliconix TSM4YJ103KR05 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSM4
www.vishay.com
Vishay Sfernice
Revision: 02-Aug-13
2
Document Number: 51009
For technical questions, contact: sferpottrimmers@vishay.com, see also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
11 turns ± 2
Resistance range
10
 to 1 M
Standard series
1 - 2 - 5
Tolerance standard
± 10 %
Power rating
Linear
0.25 W at + 70 °C
Circuit diagram
Temperature coefficient
See Standard Resistance Element table
Limiting element voltage (linear law)
200 V
Contact resistance variation (typical)
2 % or 3
End resistance (typical)
1
Dielectric strength (RMS)
600 V
Insulation resistance (500 VDC)106 M
MECHANICAL SPECIFICATIONS
Mechanical travel
13 turns ± 2
Operating torque (max. Ncm)
1
End stop torque (Ncm)
Clutch action (2 turns max.)
Unit weight (max. g)
0.15
Wiper (actual travel)
Positioned at approx. 50 %
ENVIRONMENTAL SPECIFICATIONS
Temperature range
- 55 °C to + 125 °C
Climatic category
55/125/56
Sealing
Sealed container IP67
MSL level
1
SOLDERING RECOMMENDATIONS
Recommended reflow profile 2, see Application Note www.vishay.com/doc?52029
0.25
0.125
0
0
155
AMBIENT TEMPERATURE IN °C
50
70
100
a
(1)
b
(2)
c
(3)
cw


Similar Part No. - TSM4YJ103KR05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSM4YJ VISHAY-TSM4YJ Datasheet
104Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
01-Jan-2022
TSM4YJ504KB25 VISHAY-TSM4YJ504KB25 Datasheet
125Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 12-Jan-17
TSM4YJ504KB25 VISHAY-TSM4YJ504KB25 Datasheet
104Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
01-Jan-2022
TSM4YJ504KR05 VISHAY-TSM4YJ504KR05 Datasheet
125Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 12-Jan-17
TSM4YJ504KR05 VISHAY-TSM4YJ504KR05 Datasheet
104Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
01-Jan-2022
More results

Similar Description - TSM4YJ103KR05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSM4 VISHAY-TSM4_V01 Datasheet
104Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
01-Jan-2022
TSM4 VISHAY-TSM4_17 Datasheet
125Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 12-Jan-17
TS53 VISHAY-TS53 Datasheet
129Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 12-Jan-17
TS53 VISHAY-TS53_V01 Datasheet
117Kb / 6P
   5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
01-Jan-2022
TS5 VISHAY-TS5_V01 Datasheet
118Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
01-Jan-2022
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 20-Oct-04
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 02-Oct-07
TS63 VISHAY-TS63_07 Datasheet
117Kb / 5P
   Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 24-Jul-07
TS5 VISHAY-TS5 Datasheet
126Kb / 5P
   Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
Revision: 22-Sep-15
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
   Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
Revision: 05-Aug-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com