Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY616416ML-15LL Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY616416ML-15LL
Description  5V 64K X 16 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY616416ML-15LL Datasheet(HTML) 2 Page - Lyontek Inc.

  LY616416ML-15LL Datasheet HTML 1Page - Lyontek Inc. LY616416ML-15LL Datasheet HTML 2Page - Lyontek Inc. LY616416ML-15LL Datasheet HTML 3Page - Lyontek Inc. LY616416ML-15LL Datasheet HTML 4Page - Lyontek Inc. LY616416ML-15LL Datasheet HTML 5Page - Lyontek Inc. LY616416ML-15LL Datasheet HTML 6Page - Lyontek Inc. LY616416ML-15LL Datasheet HTML 7Page - Lyontek Inc. LY616416ML-15LL Datasheet HTML 8Page - Lyontek Inc. LY616416ML-15LL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LY616416
Rev. 1.2
5V 64K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 15/20ns
Low power consumption:
Operating current : 140/110mA(MAX.)
Standby current :
3mA(MAX. for 15/20ns)
100µA( (MAX. for 15/20ns LL version)
Single 5V power supply
All outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 2.0V (MIN.)
Green package available
Package : 44-pin 400 mil TSOP-II
GENERAL DESCRIPTION
The LY616416 is a 1,048,576-bit low power CMOS
static random access memory organized as 65,536
words by 16 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY616416 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY616416 operates from a single power
supply of 5V and all inputs and outputs are fully TTL
compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc
Range
Speed
Power Dissipation
Standby(ISB1)
Operating(Icc)
LY616416
0 ~ 70℃
4.5 ~ 5.5V
15/20ns
3mA(MAX.)
140/110mA(MAX.)
LY616416(E)
-20 ~ 80℃
4.5 ~ 5.5V
15/20ns
3mA(MAX.)
140/110mA(MAX.)
LY616416(I)
-40 ~ 85℃
4.5 ~ 5.5V
15/20ns
3mA(MAX.)
140/110mA(MAX.)
LY616416(LL)
0 ~ 70℃
4.5 ~ 5.5V
15/20ns
100µA(MAX.)
140/110mA(MAX.)
LY616416(LLE)
-20 ~ 80℃
4.5 ~ 5.5V
15/20ns
100µA(MAX.)
140/110mA(MAX.)
LY616416(LLI)
-40 ~ 85℃
4.5 ~ 5.5V
15/20ns
100µA(MAX.)
140/110mA(MAX.)


Similar Part No. - LY616416ML-15LL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY616416ML LYONTEK-LY616416ML Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY616416ML-15LL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY6112816_1008 LYONTEK-LY6112816_1008 Datasheet
167Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com