Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-S200 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-S200
Description  PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-S200 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-S200 Datasheet HTML 1Page - Bourns Electronic Solutions MF-S200 Datasheet HTML 2Page - Bourns Electronic Solutions MF-S200 Datasheet HTML 3Page - Bourns Electronic Solutions MF-S200 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Axial leaded
Fully compatible with current industry
standards
Weldable nickel terminals
Very low internal resistance
Agency recognition:
RoHS compliant*
Applications
Rechargeable battery pack protection
Provides overcurrent protection with
125 °C trip temperature
MF-S Series - PTC Resettable Fuses
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Environmental Characteristics
Operating/Storage Temperature ........................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................ 125 °C
Passive Aging ....................................................... +85 °C, 1000 hours............................................... ±5 % typical resistance change
Humidity Aging...................................................... +85 °C, 85% R.H. 7 days...................................... ±5 % typical resistance change
Vibration ............................................................... MIL-STD-883C, Method 2007.1,........................... No change
Condition A
Test Procedures And Requirements For Model MF-S Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. .................................................... Verify dimensions and materials .......................Per MF physical description
Resistance....................................................... In still air @ 23 °C.............................................Rmin
≤ R ≤ R1max
Time to Trip...................................................... At specified current, Vmax, 23 °C.....................T
≤ max. time to trip (seconds)
Hold Current .................................................... 30 min. at Ihold .................................................No trip
Trip Cycle Life.................................................. Vmax, Imax, 100 cycles....................................No arcing or burning
Trip Endurance ................................................ Vmax, 48 hours.................................................No arcing or burning
UL File Number ............................................... E 174545S
CSA File Number............................................. CA 110338
TÜV File Number............................................. R2057213
Electrical Characteristics
Model
V max.
Volts
I max.
Amps
Ihold
Itrip
Initial Resistance
1 Hour (R1)
Post-Trip
Resistance
Max. Time to Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
Min.
Max.
Max.
Typ.
MF-S120
15
100
1.20
2.70
0.085
0.160
0.220
6
5.0
1.20
MF-S120S
15
100
1.20
2.70
0.085
0.160
0.220
6
5.0
1.20
MF-S150
15
100
1.50
3.00
0.050
0.090
0.113
8
5.0
1.30
MF-S175
15
100
1.75
3.80
0.050
0.090
0.120
9
4.0
1.50
MF-S175S
15
100
1.75
3.80
0.050
0.090
0.120
9
4.0
1.50
MF-S200
30
100
2.00
4.40
0.030
0.060
0.080
10
4.0
1.90
MF-S350
30
100
3.50
6.30
0.017
0.031
0.040
20
3.0
2.50
MF-S420
30
100
4.20
7.60
0.012
0.024
0.040
20
6.0
2.90
Thermal Derating Chart - Ihold/ Itrip (Amps)
Model
Ambient Operating Temperature
-40 ºC
-20 ºC
0 ºC
23 ºC
40 ºC
50 ºC
60 ºC
70 ºC
85 ºC
MF-S120
1.90 / 4.28
1.70 / 3.83
1.50 / 3.38
1.20 / 2.70
1.00 / 2.25
0.90 / 2.03
0.80 / 1.80
0.70 / 1.58 0.50 / 1.13
MF-S120S
1.90 / 4.28
1.70 / 3.83
1.50 / 3.38
1.20 / 2.70
1.00 / 2.25
0.90 / 2.03
0.80 / 1.80
0.70 / 1.58 0.50 / 1.13
MF-S150
2.20 / 4.40
2.00 / 4.00
1.80 / 3.60
1.50 / 3.00
1.30 / 2.60
1.10 / 2.20
1.00 / 2.00
0.90 / 1.80 0.70 / 1.40
MF-S175
2.50 / 5.59
2.30 / 5.14
2.00 / 4.47
1.70 / 3.80
1.50 / 3.35
1.30 / 2.91
1.20 / 2.68
1.10 / 2.46 0.90 / 2.01
MF-S175S
2.50 / 5.59
2.30 / 5.14
2.00 / 4.47
1.70 / 3.80
1.50 / 3.35
1.30 / 2.91
1.20 / 2.68
1.10 / 2.46 0.90 / 2.01
MF-S200
3.20 / 7.04
2.80 / 6.16
2.50 / 5.50
2.00 / 4.40
1.70 / 3.74
1.60 / 3.52
1.40 / 3.08
1.20 / 2.64 0.90 / 1.98
MF-S350
5.40 / 9.72
4.80 / 8.64
4.30 / 7.74
3.50 / 6.30
3.00 / 5.40
2.80 / 5.04
2.50 / 4.50
2.20 / 3.96 1.70 / 3.06
MF-S420
6.40 / 11.5
5.70 / 10.3
5.10 / 9.23
4.20 / 7.60
3.60 / 6.51
3.30 / 5.97
3.00 / 5.43
2.60 / 4.70 2.10 / 3.80
S350
0144T
NOTE: Slotted lead option available on all models.
The slotted lead option is currently
available but not, recommended for
new designs.


Similar Part No. - MF-S200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-S200 BOURNS-MF-S200 Datasheet
273Kb / 4P
   PTC Resettable Fuses
MF-S200S- BOURNS-MF-S200S- Datasheet
273Kb / 4P
   PTC Resettable Fuses
MF-S200S-2 BOURNS-MF-S200S-2 Datasheet
273Kb / 4P
   PTC Resettable Fuses
More results

Similar Description - MF-S200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
   PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030_16 Datasheet
379Kb / 4P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com