Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT373 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT373
Description  Octal D-type transparent latch; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT373 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT373 Datasheet HTML 1Page - NXP Semiconductors 74HCT373 Datasheet HTML 2Page - NXP Semiconductors 74HCT373 Datasheet HTML 3Page - NXP Semiconductors 74HCT373 Datasheet HTML 4Page - NXP Semiconductors 74HCT373 Datasheet HTML 5Page - NXP Semiconductors 74HCT373 Datasheet HTML 6Page - NXP Semiconductors 74HCT373 Datasheet HTML 7Page - NXP Semiconductors 74HCT373 Datasheet HTML 8Page - NXP Semiconductors 74HCT373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
74HC_HCT373
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
2 of 26
NXP Semiconductors
74HC373; 74HCT373
Octal D-type transparent latch; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC373N
40 C to +125 C
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
74HCT373N
74HC373D
40 C to +125 C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74HCT373D
74HC373DB
40 C to +125 C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74HCT373DB
74HC373PW
40 C to +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74HCT373PW
74HC373BQ
40 C to +125 C
DHVQFN20
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 20 terminals;
body 2.5
 4.5  0.85 mm
SOT764-1
74HCT373BQ
Fig 1.
Functional diagram
001aae050
LATCH
1 TO 8
D0
D1
D2
D3
D4
D5
D6
D7
3
4
7
8
13
14
17
18
11
1
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
2
5
6
9
12
15
16
19
3-STATE
OUTPUTS
LE
OE


Similar Part No. - 74HCT373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT373 PHILIPS-74HCT373 Datasheet
56Kb / 8P
   Octal D-type transparent latch; 3-state
September 1993
logo
List of Unclassifed Man...
74HCT373 ETC1-74HCT373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
Silicon Supplies
74HCT373 SS-74HCT373 Datasheet
758Kb / 7P
   High Speed CMOS TTL Input
logo
Nexperia B.V. All right...
74HCT373 NEXPERIA-74HCT373 Datasheet
282Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 6 September 2021
logo
NXP Semiconductors
74HCT373-Q100 NXP-74HCT373-Q100 Datasheet
179Kb / 24P
   Octal D-type transparent latch; 3-state
Rev. 1-10 August 2012
More results

Similar Description - 74HCT373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com