Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATNGW100 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATNGW100
Description  ATMEL Norway AS Vestre Roster 79 N-7075 TUKKER Norway
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATNGW100 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATNGW100 Datasheet HTML 1Page - ATMEL Corporation ATNGW100 Datasheet HTML 2Page - ATMEL Corporation ATNGW100 Datasheet HTML 3Page - ATMEL Corporation ATNGW100 Datasheet HTML 4Page - ATMEL Corporation ATNGW100 Datasheet HTML 5Page - ATMEL Corporation ATNGW100 Datasheet HTML 6Page - ATMEL Corporation ATNGW100 Datasheet HTML 7Page - ATMEL Corporation ATNGW100 Datasheet HTML 8Page - ATMEL Corporation ATNGW100 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
VCC_3V3
VCC_3V3
VCC_3V3
VCC_3V3
VCC_3V3
EBI_A5
2,6
EBI_A6
2,6
EBI_A7
2,6
EBI_A8
2,6
EBI_A9
2,6
EBI_A10
2,6
EBI_A11
2,6
EBI_A12
2
EBI_A13
2,6
EBI_A14
2,6
EBI_A15
2
EBI_A16
2,6
EBI_A17
2,6
EBI_A18
2
EBI_A19
2
EBI_A20
2
EBI_A21
2
EBI_A22
2
EBI_NWE0
2
RESET_N
2,3,4
EBI_NCS0
2
EBI_NRD
2
EBI_A1
2
EBI_A2
2,6
EBI_A3
2,6
EBI_A4
2,6
EBI_D0
2,6
EBI_D1
2,6
EBI_D2
2,6
EBI_D3
2,6
EBI_D4
2,6
EBI_D5
2,6
EBI_D6
2,6
EBI_D7
2,6
EBI_D8
2,6
EBI_D9
2,6
EBI_D10
2,6
EBI_D11
2,6
EBI_D12
2,6
EBI_D13
2,6
EBI_D14
2,6
EBI_D15
2,6
SPI_0_CS0
1,10
SPI_0_MOSI
1,10
SPI_0_SCK
1,10
SPI_0_MISO
1,10
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
FLASH
A3
5
13
Tuesday, November 07, 2006
PC1
<Core Design>
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
FLASH
A3
5
13
Tuesday, November 07, 2006
PC1
<Core Design>
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
FLASH
A3
5
13
Tuesday, November 07, 2006
PC1
<Core Design>
FLASH
8MB serial FLASH
8MB parallel FLASH
NOTE: The serial FLASH are possible
to update with larger memories in the
future within the same footprint.
C55
100n
C55
100n
U6
AT45DB642D
U6
AT45DB642D
SI
1
SCK
2
RESET
3
CS
4
WP
5
VCC
6
GND
7
SO
8
R80
100k
R80
100k
R81
100k
R81
100k
C52
100n
C52
100n
C53
100n
C53
100n
U5
AT49BV642D-70TU
U5
AT49BV642D-70TU
A7
18
A6
19
A5
20
A4
21
A3
22
A2
23
A1
24
A0
25
CE
26
OE
28
I/O0
29
I/O8
30
I/O1
31
I/O9
32
I/O2
33
I/O10
34
I/O3
35
I/O11
36
I/O4
38
I/O12
39
I/O5
40
I/O13
41
I/O6
42
I/O14
43
I/O7
44
I/O15
45
A16
48
A15
1
A14
2
A13
3
A12
4
A11
5
A10
6
A9
7
A8
8
WE
11
RESET
12
A17
17
A18
16
A19
15
A20
10
A21
9
NC
14
VPP
13
VCCQ
47
VCC
37
GND1
27
GND2
46


Similar Part No. - ATNGW100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATNGW100MKII ATMEL-ATNGW100MKII Datasheet
26Kb / 2P
   Product End-of-Life (EOL) Notification
More results

Similar Description - ATNGW100

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLCSC08CLC PROTEC-GBLCSC08CLC_15 Datasheet
466Kb / 6P
   SC-79 PACKAGE
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
   Atmel CryptoAuthentication
AT88SC0808CA ATMEL-AT88SC0808CA_14 Datasheet
442Kb / 24P
   Atmel CryptoMemory
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
AT88SC0808CA ATMEL-AT88SC0808CA_11 Datasheet
304Kb / 23P
   Atmel CryptoMemory
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
   Atmel CryptoAuthentication
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
ATWILC1000-SD ATMEL-ATWILC1000-SD Datasheet
2Mb / 11P
   Atmel SmartConnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com