Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY61256JL-10LLET Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY61256JL-10LLET
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61256JL-10LLET Datasheet(HTML) 2 Page - Lyontek Inc.

  LY61256JL-10LLET Datasheet HTML 1Page - Lyontek Inc. LY61256JL-10LLET Datasheet HTML 2Page - Lyontek Inc. LY61256JL-10LLET Datasheet HTML 3Page - Lyontek Inc. LY61256JL-10LLET Datasheet HTML 4Page - Lyontek Inc. LY61256JL-10LLET Datasheet HTML 5Page - Lyontek Inc. LY61256JL-10LLET Datasheet HTML 6Page - Lyontek Inc. LY61256JL-10LLET Datasheet HTML 7Page - Lyontek Inc. LY61256JL-10LLET Datasheet HTML 8Page - Lyontek Inc. LY61256JL-10LLET Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LY61256
Rev. 1.7
32K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 8/10/12/15ns
Low power consumption:
Operating current : 110/100/90/80mA (TYP.)
Standby current : 1mA (TYP.)
2
μA (TYP.) LL-version
Single 5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 2.0V (MIN.)
Green package available
Package : 28-pin 300 mil SOJ
28-pin 300 mil Skinny P-DIP
28-pin 8mm x 13.4mm STSOP
GENERAL DESCRIPTION
The LY61256 is a 262,144-bit high speed CMOS
static random access memory organized as 32,768
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY61256 is well designed for high speed
system application. Easy expansion is provided by
using an active LOW Chip Enable(CE#). The active
LOW Write Enable(WE#) controls both writing and
reading of the memory.
The LY61256 operates from a single power
supply of 5V and all inputs and outputs are fully TTL
compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.) Operating(Icc,TYP.)
LY61256
0 ~ 70℃
4.5 ~ 5.5V
8/10/12/15ns
1mA
110/100/90/80mA
LY61256(E)
-20 ~ 80℃
4.5 ~ 5.5V
8/10/12/15ns
1mA
110/100/90/80mA
LY61256(I)
-40 ~ 85℃
4.5 ~ 5.5V
8/10/12/15ns
1mA
110/100/90/80mA
LY61256(LL)
0 ~ 70℃
4.5 ~ 5.5V
8/10/12/15ns
2
μA(LL)
110/100/90/80mA
LY61256(LLE)
-20 ~ 80℃
4.5 ~ 5.5V
8/10/12/15ns
2
μA(LL)
110/100/90/80mA
LY61256(LLI)
-40 ~ 85℃
4.5 ~ 5.5V
8/10/12/15ns
2
μA(LL)
110/100/90/80mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
32Kx8
MEMORY ARRAY
COLUMN I/O
A0-A14
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A14
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground


Similar Part No. - LY61256JL-10LLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61256JL LYONTEK-LY61256JL Datasheet
169Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61256JL-10LLET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65256 LYONTEK-LY65256_12 Datasheet
325Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
A615308 AMICC-A615308 Datasheet
199Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256_1008 LYONTEK-LY61L256_1008 Datasheet
172Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com