Electronic Components Datasheet Search |
|
LY62256SL-35SLI Datasheet(PDF) 3 Page - Lyontek Inc. |
|
LY62256SL-35SLI Datasheet(HTML) 3 Page - Lyontek Inc. |
3 / 14 page LY62256 Rev. 2.9 32K X 8 BIT LOW POWER CMOS SRAM Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 2 ® PIN CONFIGURATION A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 Vss A14 Vcc A8 A9 A11 A10 DQ7 DQ6 DQ5 DQ4 DQ3 Skinny P-DIP/P-DIP/SOP 28 14 13 12 11 10 9 8 7 6 5 4 3 2 1 17 16 15 20 19 18 22 23 24 25 26 27 21 A13 CE# OE# WE# STSOP DQ3 A11 A9 A8 A13 DQ2 A10 A14 A12 A7 A6 A5 Vcc DQ7 DQ6 DQ5 DQ4 Vss DQ1 DQ0 A0 A1 A2 A4 A3 LY62256 28 14 13 12 11 10 9 8 7 6 5 4 3 2 1 17 16 15 20 19 18 22 23 24 25 26 27 21 OE# WE# CE# ABSOLUTE MAXIMUN RATINGS* PARAMETER SYMBOL RATING UNIT Voltage on VCC relative to VSS VT1 -0.5 to 6.5 V Voltage on any other pin relative to VSS VT2 -0.5 to VCC+0.5 V Operating Temperature TA 0 to 70(C grade) ℃ -20 to 80(E grade) -40 to 85(I grade) Storage Temperature TSTG -65 to 150 ℃ Power Dissipation PD 1 W DC Output Current IOUT 50 mA *Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability. TRUTH TABLE MODE CE# OE# WE# I/O OPERATION SUPPLY CURRENT Standby H X X High-Z ISB,ISB1 Output Disable L H H High-Z ICC,ICC1 Read L L H DOUT ICC,ICC1 Write L X L DIN ICC,ICC1 Note: H = VIH, L = VIL, X = Don't care. |
Similar Part No. - LY62256SL-35SLI |
|
Similar Description - LY62256SL-35SLI |