Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXML-PM01-0100 Datasheet(PDF) 9 Page - Lumileds Lighting Company

Part # LXML-PM01-0100
Description  LUXEON Rebel and LUXEON Rebel ES
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PM01-0100 Datasheet(HTML) 9 Page - Lumileds Lighting Company

Back Button LXML-PM01-0100 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PM01-0100 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PM01-0100 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PM01-0100 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PM01-0100 Datasheet HTML 9Page - Lumileds Lighting Company LXML-PM01-0100 Datasheet HTML 10Page - Lumileds Lighting Company LXML-PM01-0100 Datasheet HTML 11Page - Lumileds Lighting Company LXML-PM01-0100 Datasheet HTML 12Page - Lumileds Lighting Company LXML-PM01-0100 Datasheet HTML 13Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LUXEON Rebel Color Porfolio Datasheet DS68 20110819
9
Table 7.
Profile Feature
Lead Free Assembly
Average Ramp-Up Rate (Ts
max to Tp)
3°C / second max
Preheat Temperature Min (Ts
min)
150°C
Preheat Temperature Max (Ts
max)
200°C
Preheat Time (ts
min to tsmax)
60 - 180 seconds
Temperature T
L (tL)
217°C
Time Maintained Above Temperature T
L (tL)
60 - 150 seconds
Peak / Classification Temperature (T
P)
260°C
Time Within 5°C of Actual Peak Temperature (t
P)
20 - 40 seconds
Ramp-Down Rate
6°C / second max
Time 25°C to Peak Temperature
8 minutes max
Note for Table 7:
- All temperatures refer to the application Printed Circuit Board (PCB), measured on the surface adjacent to the package body.
Reflow Soldering Characteristics
JEDEC 020c


Similar Part No. - LXML-PM01-0100

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PM01-0100 LUMILEDS-LXML-PM01-0100 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
LXML-PM01-0100 LUMILEDS-LXML-PM01-0100 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PM01-0100 LUMILEDS-LXML-PM01-0100 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
More results

Similar Description - LXML-PM01-0100

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Dialight Corporation
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
   LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
logo
Ledil, Inc.
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
   ~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com