Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY6251216 Datasheet(PDF) 6 Page - Lyontek Inc.

Part # LY6251216
Description  512K X 16 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6251216 Datasheet(HTML) 6 Page - Lyontek Inc.

Back Button LY6251216_13 Datasheet HTML 2Page - Lyontek Inc. LY6251216_13 Datasheet HTML 3Page - Lyontek Inc. LY6251216_13 Datasheet HTML 4Page - Lyontek Inc. LY6251216_13 Datasheet HTML 5Page - Lyontek Inc. LY6251216_13 Datasheet HTML 6Page - Lyontek Inc. LY6251216_13 Datasheet HTML 7Page - Lyontek Inc. LY6251216_13 Datasheet HTML 8Page - Lyontek Inc. LY6251216_13 Datasheet HTML 9Page - Lyontek Inc. LY6251216_13 Datasheet HTML 10Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LY6251216
Rev. 1.0
512K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
PARAMETER
SYM.
LY6251216-55
LY6251216-70
UNIT
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
55
-
70
-
ns
Address Access Time
tAA
-
55
-
70
ns
Chip Enable Access Time
tACE
-
55
-
70
ns
Output Enable Access Time
tOE
-
30
-
35
ns
Chip Enable to Output in Low-Z
tCLZ*
10
-
10
-
ns
Output Enable to Output in Low-Z
tOLZ*
5
-
5
-
ns
Chip Disable to Output in High-Z
tCHZ*
-
20
-
25
ns
Output Disable to Output in High-Z
tOHZ*
-
20
-
25
ns
Output Hold from Address Change
tOH
10
-
10
-
ns
LB#, UB# Access Time
tBA
-
55
-
70
ns
LB#, UB# to High-Z Output
tBHZ*
-
25
-
30
ns
LB#, UB# to Low-Z Output
tBLZ*
10
-
10
-
ns
(2) WRITE CYCLE
PARAMETER
SYM.
LY6251216-55
LY6251216-70
UNIT
MIN.
MAX.
MIN.
MAX.
Write Cycle Time
tWC
55
-
70
-
ns
Address Valid to End of Write
tAW
50
-
60
-
ns
Chip Enable to End of Write
tCW
50
-
60
-
ns
Address Set-up Time
tAS
0-
0-
ns
Write Pulse Width
tWP
45
-
55
-
ns
Write Recovery Time
tWR
0-
0-
ns
Data to Write Time Overlap
tDW
25
-
30
-
ns
Data Hold from End of Write Time
tDH
0-
0-
ns
Output Active from End of Write
tOW*
5-
5-
ns
Write to Output in High-Z
tWHZ*
-
20
-
25
ns
LB#, UB# Valid to End of Write
tBW
45
-
60
-
ns
*These parameters are guaranteed by device characterization, but not production tested.


Similar Part No. - LY6251216_13

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6251216_13

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_11 Datasheet
464Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com