Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH3NPN680NMG0 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LQH3NPN680NMG0
Description  1212 size (3.0x3.0mm) Height 1.0mm max.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH3NPN680NMG0 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LQH3NPN680NMG0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH3NPN680NMG0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH3NPN680NMG0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQH3NPN680NMG0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQH3NPN680NMG0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQH3NPN680NMG0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQH3NPN680NMG0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQH3NPN680NMG0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQH3NPN680NMG0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
This information is the property of Murata Europe Management B.V. This information should not be copied or distributed in any fashion without the express written consent of Murata.
All information is subject to change without notice, is not warranted in any fashion and is provided as is.
(Power inductor (G Apps) SE0
-3)
Appearance and Dimensions
Electrical characteristics
Specifications
Unit: mm
3.0+/-0.2
3.0+/-0.2
1.4+/-0.1
1212 size (3.0x3.0mm)
Height 1.5mm max.
LQH3NP_M0
LQH3NP_M0 series
series
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
1400
1600
1800
DC Current (mA)
1R0
4R7
100
470
101
(1) Idc1: Inductance change within +/-30% from nominal value
(2) Idc2: Temperature rise below 40deg C
Operating temp. range: -40 to +85C
Other characteristics
P/N
Inductance
(uH) @1MHz
DC resistance
(ohms)
Idc1
(mA)
Idc2
(mA)
SRF
(MHz min.)
LQH3NPN1R0N(M)M0
1.0 +/-30(20)%
0.044+/-20%
1400
2050
130
LQH3NPN2R2N(M)M0
2.2 +/-30(20)%
0.073+/-20%
1250
1600
90
LQH3NPN3R3N(M)M0
3.3 +/-30(20)%
0.092+/-20%
1000
1450
75
LQH3NPN4R7N(M)M0
4.7 +/-30(20)%
0.13+/-20%
880
1250
65
LQH3NPN6R8N(M)M0
6.8 +/-30(20)%
0.20+/-20%
820
1000
50
LQH3NPN100N(M)M0
10 +/-30(20)%
0.26+/-20%
550
870
45
LQH3NPN220MM0
22 +/-20%
0.51+/-20%
410
650
28
LQH3NPN330MM0
33 +/-20%
0.85+/-20%
370
500
22
LQH3NPN470MM0
47 +/-20%
1.25+/-20%
310
410
18
LQH3NPN101MM0
100 +/-20%
3.50+/-20%
200
240
12


Similar Part No. - LQH3NPN680NMG0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN680N(M)G0 MURATA-LQH3NPN680N(M)G0 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN680NG0 MURATA-LQH3NPN680NG0 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
More results

Similar Description - LQH3NPN680NMG0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN680MG0L MURATA-LQH3NPN680MG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
1280617 MURATA-1280617 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
logo
EUROQUARTZ limited
MJCRYSTALS EUROQUARTZ-MJCRYSTALS Datasheet
156Kb / 1P
   Miniature size: 5.0mm x 3.2mm x 1.0mm height
logo
Murata Manufacturing Co...
LQH2HPN150MGR MURATA1-LQH2HPN150MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN3R3MGR MURATA1-LQH2HPN3R3MGR Datasheet
422Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
logo
Murata Manufacturing Co...
LQH55PN1R2NR0L MURATA-LQH55PN1R2NR0L Datasheet
237Kb / 7P
   1616 size (4.0x4.0mm) Height 1.8mm max.
logo
Murata Manufacturing Co...
LQH2HPN100MGR MURATA1-LQH2HPN100MGR Datasheet
425Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN101MGR MURATA1-LQH2HPN101MGR Datasheet
412Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN1R0MGR MURATA1-LQH2HPN1R0MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN220MGR MURATA1-LQH2HPN220MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com