Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62256DL-35SLT Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY62256DL-35SLT
Description  32K X 8 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62256DL-35SLT Datasheet(HTML) 1 Page - Lyontek Inc.

  LY62256DL-35SLT Datasheet HTML 1Page - Lyontek Inc. LY62256DL-35SLT Datasheet HTML 2Page - Lyontek Inc. LY62256DL-35SLT Datasheet HTML 3Page - Lyontek Inc. LY62256DL-35SLT Datasheet HTML 4Page - Lyontek Inc. LY62256DL-35SLT Datasheet HTML 5Page - Lyontek Inc. LY62256DL-35SLT Datasheet HTML 6Page - Lyontek Inc. LY62256DL-35SLT Datasheet HTML 7Page - Lyontek Inc. LY62256DL-35SLT Datasheet HTML 8Page - Lyontek Inc. LY62256DL-35SLT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LY62256
Rev. 2.9
32K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0.
Initial Issue
Jul.25.2004
Rev. 2.0.
Revised Vcc Range(Vcc=4.5~5.5V => 2.7~5.5V)
May.4.2005
Rev. 2.1.
Revised ISB1
May.13.2005
Rev. 2.2
Adding PKG type : skinny P-DIP
Aug.29.2005
Rev. 2.3
Revised VIH(min)=2.4V, VIL(max)=0.6V
Feb.24.2006
Rev. 2.4
Revised VIH(min)=2.4V, VIL(max)=0.6V (VCC=2.7~3.6V)
VIH(min)=2.4V, VIL(max)=0.8V (VCC=4.5~5.5V)
Jul.31.2006
Rev. 2.5
Revised STSOP Package Outline Dimension
Mar.26.2008
Rev. 2.6
Added SL grade
Added ISB1/IDR values when TA = 25℃ and TA = 40℃
Revised FEATURES & ORDERING INFORMATION Lead
free and green package available
to Green package available
Added packing type in ORDERING INFORMATION
Revised ISB1(MAX)
Revised VTERM to VT1 and VT2
Revised Test Condition of ISB1/IDR
Deleted TSOLDER in ABSOLUTE MAXIMUN RATINGS
Mar.30.2009
Rev. 2.7
Revised PACKAGE OUTLINE DIMENSION in page 8 & 9
Dec.18.2009
Rev. 2.8
Rev. 2.9
Revised PACKAGE OUTLINE DIMENSION in page 10
Revised ORDERING INFORMATION in page 12
Revised PACKAGE OUTLINE DIMENSION in page 9
May.7.2010
Aug.25.2010


Similar Part No. - LY62256DL-35SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62256DL LYONTEK-LY62256DL Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62256DL-35SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256A-70PIN ALSC-AS6C62256A-70PIN Datasheet
599Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
logo
List of Unclassifed Man...
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com