Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY6264SL-70SLET Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY6264SL-70SLET
Description  8K X 8 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6264SL-70SLET Datasheet(HTML) 1 Page - Lyontek Inc.

  LY6264SL-70SLET Datasheet HTML 1Page - Lyontek Inc. LY6264SL-70SLET Datasheet HTML 2Page - Lyontek Inc. LY6264SL-70SLET Datasheet HTML 3Page - Lyontek Inc. LY6264SL-70SLET Datasheet HTML 4Page - Lyontek Inc. LY6264SL-70SLET Datasheet HTML 5Page - Lyontek Inc. LY6264SL-70SLET Datasheet HTML 6Page - Lyontek Inc. LY6264SL-70SLET Datasheet HTML 7Page - Lyontek Inc. LY6264SL-70SLET Datasheet HTML 8Page - Lyontek Inc. LY6264SL-70SLET Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LY6264
Rev. 2.8
8K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Jul.25.2004
Rev. 2.0
Revised Vcc Range 4.5~5.5V => 2.7~5.5V
May.3.2005
Rev. 2.1
Revised ISB1
May.13.2005
Rev. 2.2
Adding PKG type : skinny P-DIP
Aug.29.2005
Rev. 2.3
Revised VIH(min)=2.4V, VIL(max)=0.6V
Feb.24.2006
Rev. 2.4
Revised VIH(min)=2.4V, VIL(max)=0.6V (VCC=2.7~3.6V)
VIH(min)=2.4V, VIL(max)=0.8V (VCC=4.5~5.5V)
Jul.31.2006
Rev. 2.5
Revised STSOP Package Outline Dimension
Mar.26.2008
Rev. 2.6
Added SL grade
Added ISB1/IDR values when TA = 25℃ and TA = 40℃
Revised FEATURES & ORDERING INFORMATION
Lead free and green package available
to Green package
available
Added packing type in ORDERING INFORMATION
Revised ISB1(MAX)
Revised VTERM to VT1 and VT2
Revised Test Condition of ISB1/IDR
Mar.30.2009
Deleted TSOLDER in ABSOLUTE MAXIMUN RATINGS
Rev. 2.7
Rev. 2.8
Revised PACKAGE OUTLINE DIMENSION in page 10
Revised ORDERING INFORMATION in page 12
Revised PACKAGE OUTLINE DIMENSION in page 9
May.7.2010
Aug.25.2010


Similar Part No. - LY6264SL-70SLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6264SL LYONTEK-LY6264SL Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6264SL-70SLET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com