Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY625128RL-55LLE Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY625128RL-55LLE
Description  512K X 8 BIT LOW POWER CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY625128RL-55LLE Datasheet(HTML) 1 Page - Lyontek Inc.

  LY625128RL-55LLE Datasheet HTML 1Page - Lyontek Inc. LY625128RL-55LLE Datasheet HTML 2Page - Lyontek Inc. LY625128RL-55LLE Datasheet HTML 3Page - Lyontek Inc. LY625128RL-55LLE Datasheet HTML 4Page - Lyontek Inc. LY625128RL-55LLE Datasheet HTML 5Page - Lyontek Inc. LY625128RL-55LLE Datasheet HTML 6Page - Lyontek Inc. LY625128RL-55LLE Datasheet HTML 7Page - Lyontek Inc. LY625128RL-55LLE Datasheet HTML 8Page - Lyontek Inc. LY625128RL-55LLE Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LY625128
Rev. 2.5
512K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Jul.19.2005
Rev. 1.1
Revised ISB1/IDR
Revised Test Condition of ICC
Oct.31.2005
Rev. 1.2
Added -45ns Spec.
Sep.20.2006
Rev. 1.3
Added P-DIP PKG
Jan.12.2007
Rev. 1.4
Revised Test Condition of ISB1/IDR
May.14.2007
Rev. 1.5
Adding PKG type : 44 TSOP-II
Jun.4.2007
Rev. 2.0
Adding SL Spec.
Revised ABSOLUTE MAXIMUN RATINGS
Jul.11.2007
Rev. 2.1
Added ISB1/IDR values when TA = 25℃ and TA = 40℃
Revised FEATURES & ORDERING INFORMATION
Lead free and green package available
to Green package
available
Added packing type in ORDERING INFORMATION
Deleted TSOLDER in ABSOLUTE MAXIMUN RATINGS
Deleted -35ns Spec.
Mar.30.2009
Rev. 2.2
Revised VDR
Sep.11.2009
Rev. 2.3
Revised PACKAGE OUTLINE DIMENSION in page
11/12/13/14
May.7.2010
Rev. 2.4
Revised ORDERING INFORMATION in page 16
Aug.30.2010
Rev. 2.5
Deleted PKG type : 44 TSOP-II
Feb.21.2012


Similar Part No. - LY625128RL-55LLE

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY625128RL-55LLE LYONTEK-LY625128RL-55LLE Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128RL-55LLET LYONTEK-LY625128RL-55LLET Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY625128RL-55LLE

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008_V01 Datasheet
722Kb / 14P
   512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY625128 LYONTEK-LY625128 Datasheet
249Kb / 18P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com