Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXML-PL01-0060 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LXML-PL01-0060
Description  LUXEON Rebel and LUXEON Rebel ES
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PL01-0060 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button LXML-PL01-0060 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PL01-0060 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PL01-0060 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PL01-0060 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PL01-0060 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PL01-0060 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PL01-0060 Datasheet HTML 9Page - Lumileds Lighting Company LXML-PL01-0060 Datasheet HTML 10Page - Lumileds Lighting Company LXML-PL01-0060 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
LUXEON Rebel Color Porfolio Datasheet DS68 20110819
7
Electrical Characteristics at 350 mA for LUXEON Rebel color,
Thermal Pad Temperature = 25ºC
Table 3.
Typical Temperature
Typical Thermal
Forward Voltage V
f
[1]
Coefficient of Forward
Resistance Junction to
Part
(V)
Voltage [2] (mV/°C)
Thermal Pad (°C/W)
Color
Number
Min.
Typ.
Max.
DV
f / DTJ
Ru
J-C
Green
LXML-PM01
2.55
2.90
3.51
- 2.0 to - 4.0
10
Cyan
LXML-PE01
2.55
2.90
3.51
- 2.0 to - 4.0
10
Blue
LXML-PB01
2.55
3.03
3.51
- 2.0 to - 4.0
10
Royal-Blue
LXML-PR01
2.55
3.03
3.51
- 2.0 to - 4.0
10
Red
LXML-PD01
2.31
2.90
3.51
- 2.0 to - 4.0
12
Red
LXM2-PD01
1.80
2.10
2.80
- 2.0 to - 4.0
8
Deep Red
LXM3-PD01
1.80
2.20
2.80
- 2.0 to - 4.0
8
Red-Orange
LXML-PH01
2.31
2.90
3.51
- 2.0 to - 4.0
12
Red-Orange
LXM2-PH01
1.80
2.10
2.80
- 2.0 to - 4.0
8
PC Amber
LXM2-PL01
2.55
3.05
3.51
- 2.0 to - 4.0
10
Amber
LXML-PH01
2.31
2.90
3.51
- 2.0 to - 4.0
12
Electrical Characteristics at 700 mA for LUXEON Rebel ES Royal-Blue,
Thermal Pad Temperature = 25°C
Royal-Blue
LXML-PR02
2.50
3.00
3.50
- 2.0 to - 4.0
6
Notes for Table 3:
1. LUXEON Rebel ES royal-blue measured between 25°C = Tj = 110°C and If = 700 mA.
2. Measured between 25°C = T
J = 110°C at If = 350 mA.
3. Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
Typical Electrical Characteristics at 700 mA for LUXEON Rebel color,
Thermal Pad Temperature = 25ºC
Table 4.
Color
Part Number
Typical Forward Voltage V
f
(V)
Green
LXML-PM01
3.25
Cyan
LXML-PE01
3.25
Blue
LXML-PB01
3.30
Royal-Blue
LXML-PR02
3.00
Royal-Blue
LXML-PR01
3.25
Red
LXML-PD01
3.60
Red
LXM2-PD01
2.30
Deep Red
LXM3-PD01
2.40
Red-Orange
LXML-PH01
3.60
Red-Orange
LXM2-PH01
2.30
PC Amber
LXM2-PL01
3.20
Amber
LXML-PH01
3.60
Electrical Characteristics


Similar Part No. - LXML-PL01-0060

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PL01-0060 LUMILEDS-LXML-PL01-0060 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
LXML-PL01-0060 LUMILEDS-LXML-PL01-0060 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PL01-0060 LUMILEDS-LXML-PL01-0060 Datasheet
1Mb / 2P
   High flux and efficacy on industry?셲 most widely used color LED platform
More results

Similar Description - LXML-PL01-0060

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Dialight Corporation
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPC1-1-COL DIALIGHT-OPC1-1-COL Datasheet
175Kb / 2P
   LUMILEDS LUXEON REBEL 11MM REFLECTIVE OPTIC
logo
Ledil, Inc.
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
   ~8째 spot beam optimized for LUXEON Rebel.
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
   ~30째 medium beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com