Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6978 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON6978
Description  Plastic Encapsulated Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6978 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON6978 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6978 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6978 Datasheet HTML 3Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This AOS product reliability report summarizes the qualification result for AON6978.
Accelerated environmental tests are performed on a specific sample size, and then followed
by electrical test at end point. Review of final electrical test result confirms that AON6978
passes AOS quality and reliability requirements.
Table of Contents:
I.
Product Description
II.
Package and Die information
III.
Environmental Stress Test Summary and Result
IV.
Reliability Evaluation
I. Product Description:
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Integrated Schottky Diode (SRFET) on Low-Side
• Very Low R
DS(on) at 4.5V VGS
• Low Gate Charge
• High Current Capability
Application
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial
-RoHS Compliant
-Halogen-Free
Detailed information refers to datasheet.
II. Die / Package Information:
AON6978
Process
Standard sub-micron
Low voltage N channel
Package Type
DFN 5x6B
Lead Frame
Bare Cu
Die Attach
Ag Epoxy
Bonding
Cu & Au wire
Mold Material
Epoxy resin with silica filler
MSL (moisture sensitive level) Level 1 based on J-STD-020
Note * based on information provided by assembler and mold compound supplier


Similar Part No. - AON6978

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6970 AOSMD-AON6970 Datasheet
540Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6971 AOSMD-AON6971 Datasheet
530Kb / 10P
   RoHS and Halogen-Free Compliant
AON6973A AOSMD-AON6973A Datasheet
488Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6974 AOSMD-AON6974 Datasheet
653Kb / 10P
   RoHS and Halogen-Free Compliant
AON6974A AOSMD-AON6974A Datasheet
487Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
More results

Similar Description - AON6978

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF260L AOSMD-AOTF260L Datasheet
39Kb / 3P
   Plastic Encapsulated Device
AON1610 AOSMD-AON1610 Datasheet
60Kb / 3P
   Plastic Encapsulated Device
AOZ8001KIL AOSMD-AOZ8001KIL Datasheet
34Kb / 4P
   Plastic Encapsulated Device
AOP605 AOSMD-AOP605_06 Datasheet
107Kb / 5P
   Plastic Encapsulated Device
AOD456A AOSMD-AOD456A Datasheet
108Kb / 5P
   Plastic Encapsulated Device
AOZ3013PI AOSMD-AOZ3013PI Datasheet
88Kb / 5P
   Plastic Encapsulated Device
AOB2500L AOSMD-AOB2500L Datasheet
79Kb / 3P
   Plastic Encapsulated Device
AOW20C60 AOSMD-AOW20C60 Datasheet
83Kb / 3P
   Plastic Encapsulated Device
AOTF10T60 AOSMD-AOTF10T60 Datasheet
79Kb / 3P
   Plastic Encapsulated Device
AOTF7N60FD AOSMD-AOTF7N60FD Datasheet
80Kb / 3P
   Plastic Encapsulated Device
AON6554 AOSMD-AON6554 Datasheet
93Kb / 3P
   Plastic Encapsulated Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com