Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY625128GL-55SLI Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY625128GL-55SLI
Description  512K X 8 BIT LOW POWER CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY625128GL-55SLI Datasheet(HTML) 4 Page - Lyontek Inc.

  LY625128GL-55SLI Datasheet HTML 1Page - Lyontek Inc. LY625128GL-55SLI Datasheet HTML 2Page - Lyontek Inc. LY625128GL-55SLI Datasheet HTML 3Page - Lyontek Inc. LY625128GL-55SLI Datasheet HTML 4Page - Lyontek Inc. LY625128GL-55SLI Datasheet HTML 5Page - Lyontek Inc. LY625128GL-55SLI Datasheet HTML 6Page - Lyontek Inc. LY625128GL-55SLI Datasheet HTML 7Page - Lyontek Inc. LY625128GL-55SLI Datasheet HTML 8Page - Lyontek Inc. LY625128GL-55SLI Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LY625128
Rev. 2.5
512K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
3
®
PIN CONFIGURATION
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
Vss
A14
Vcc
A8
A9
A11
A10
DQ7
DQ6
DQ5
DQ4
DQ3
SOP/P-DIP
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A13
CE#
OE#
WE#
A16
A18
29
32
30
31
A17
A15
TSOP-I/STSOP
DQ3
A11
A9
A8
A13
DQ2
A10
A14
A12
A7
A6
A5
Vcc
DQ7
DQ6
DQ5
DQ4
Vss
DQ1
DQ0
A0
A1
A2
A4
A3
LY625128
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
OE#
WE#
CE#
A17
A15
A16
A18
32
31
29
30
TFBGA
OE#
WE#
A12
A11
A13
NC
A18
A10
A14
A15
DQ5
DQ6
DQ7
A9
Vss
A8
A16
DQ4
Vcc
Vcc
DQ3
A17
Vss
A7
A0
DQ2
DQ1
DQ0
A6
A1
A3
A5
NC
A4
A2
1234
56
H
G
C
D
E
F
A
B
CE#


Similar Part No. - LY625128GL-55SLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY625128GL LYONTEK-LY625128GL Datasheet
249Kb / 18P
   512K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY625128GL-55SLI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008_V01 Datasheet
722Kb / 14P
   512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY625128 LYONTEK-LY625128 Datasheet
249Kb / 18P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com