Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62256DL-70SLIT Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY62256DL-70SLIT
Description  32K X 8 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62256DL-70SLIT Datasheet(HTML) 2 Page - Lyontek Inc.

  LY62256DL-70SLIT Datasheet HTML 1Page - Lyontek Inc. LY62256DL-70SLIT Datasheet HTML 2Page - Lyontek Inc. LY62256DL-70SLIT Datasheet HTML 3Page - Lyontek Inc. LY62256DL-70SLIT Datasheet HTML 4Page - Lyontek Inc. LY62256DL-70SLIT Datasheet HTML 5Page - Lyontek Inc. LY62256DL-70SLIT Datasheet HTML 6Page - Lyontek Inc. LY62256DL-70SLIT Datasheet HTML 7Page - Lyontek Inc. LY62256DL-70SLIT Datasheet HTML 8Page - Lyontek Inc. LY62256DL-70SLIT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LY62256
Rev. 2.9
32K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 35/55/70ns
Low power consumption:
Operating current : 20/15/10mA (TYP.)
Standby current : 1
μA (TYP.)
Single 2.7~5.5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 1.5V (MIN.)
Green package available
Package : 28-pin 600 mil PDIP
28-pin 330 mil SOP
28-pin 8mm x 13.4mm STSOP
28-pin 300 mil Skinny P-DIP
GENERAL DESCRIPTION
The LY62256 is a 262,144-bit low power CMOS
static random access memory organized as 32,768
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY62256 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY62256 operates from a single power
supply of 2.7~5.5V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.) Operating(Icc,TYP.)
LY62256
0 ~ 70℃
2.7 ~ 5.5V
35/55/70ns
1µA
20/15/10mA
LY62256(E)
-20 ~ 80℃
2.7 ~ 5.5V
35/55/70ns
1µA
20/15/10mA
LY62256(I)
-40 ~ 85℃
2.7 ~ 5.5V
35/55/70ns
1µA
20/15/10mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
32Kx8
MEMORY ARRAY
COLUMN I/O
A0-A14
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A14
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground


Similar Part No. - LY62256DL-70SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62256DL LYONTEK-LY62256DL Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62256DL-70SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256A-70PIN ALSC-AS6C62256A-70PIN Datasheet
599Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
logo
List of Unclassifed Man...
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com