Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY62256RL-70SLIT Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY62256RL-70SLIT
Description  32K X 8 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62256RL-70SLIT Datasheet(HTML) 4 Page - Lyontek Inc.

  LY62256RL-70SLIT Datasheet HTML 1Page - Lyontek Inc. LY62256RL-70SLIT Datasheet HTML 2Page - Lyontek Inc. LY62256RL-70SLIT Datasheet HTML 3Page - Lyontek Inc. LY62256RL-70SLIT Datasheet HTML 4Page - Lyontek Inc. LY62256RL-70SLIT Datasheet HTML 5Page - Lyontek Inc. LY62256RL-70SLIT Datasheet HTML 6Page - Lyontek Inc. LY62256RL-70SLIT Datasheet HTML 7Page - Lyontek Inc. LY62256RL-70SLIT Datasheet HTML 8Page - Lyontek Inc. LY62256RL-70SLIT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LY62256
Rev. 2.9
32K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
3
®
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
2.7
3.3
5.5
V
Input High Voltage
VIH
*1
2.4
-
VCC+0.5
V
Input Low Voltage
VIL
*2
VCC=2.7~3.6V
- 0.5
-
0.6
V
VCC=4.5~5.5V
- 0.5
-
0.8
V
Input Leakage Current
ILI
VCC ≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC ≧ VOUT ≧ VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.4
3.0
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL , II/O = 0mA
Other pins at VIL or VIH
-35
-
20
50
mA
-55
-
15
45
mA
-70
-
10
40
mA
ICC1
Cycle time = 1µs
CE#0.2V and II/O = 0mA
other pins at 0.2V or VCC-0.2V
-
3
10
mA
Standby Power
Supply Current
ISB
CE# = VIH, other pins at VIL or VIH
-1
3
mA
ISB1
CE#
V
CC
-0.2V
Others at 0.2V or
VCC - 0.2V
LL
-
1
20
µA
LLE/LLI
-
1
30
µA
SL
*5
SLE
*5
SLI
*5
25℃
-
1
3
µA
40℃
-
1.5
4
µA
SL
-
1
10
µA
SLE/SLI
-
1
20
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25℃
5. This parameter is measured at VCC = 3.0V
CAPACITANCE (TA = 25 , f
= 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0.2V to VCC -0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 50pF + 1TTL, IOH/IOL = -1mA/2mA


Similar Part No. - LY62256RL-70SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62256RL LYONTEK-LY62256RL Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62256RL-70SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256A-70PIN ALSC-AS6C62256A-70PIN Datasheet
599Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
logo
List of Unclassifed Man...
UT62256B ETC1-UT62256B Datasheet
193Kb / 10P
   32K X 8 BIT LOW POWER (6T) CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com