Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRT0603-DY Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CRT0603-DY
Description  CRT Series - Thin Film Precision Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRT0603-DY Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CRT0603-DY Datasheet HTML 1Page - Bourns Electronic Solutions CRT0603-DY Datasheet HTML 2Page - Bourns Electronic Solutions CRT0603-DY Datasheet HTML 3Page - Bourns Electronic Solutions CRT0603-DY Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CRT Series - Thin Film Precision Chip Resistors
Chip Dimensions
L
H
I
2
I
2
W
I
1
I
1
DIMENSIONS:
MM
(INCHES)
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
60 - 90
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>
Dimension
Model
Model
Model
Model
CRT0402
CRT0603
CRT0805
CRT1206
L
1.00 ± 0.10
1.55 ± 0.10
2.00 ± 0.15
3.05 ± 0.15
(0.040 ± 0.004)
(0.061 ± 0.004)
(0.079 ± 0.006)
(0.120 ± 0.006)
W
0.50 ± 0.05
0.80 ± 0.10
1.25 ± 0.15
1.55 ± 0.15
(0.020 ± 0.002)
(0.031 ± 0.004)
(0.049 ± 0.006)
(0.061 ± 0.006)
H
0.30 ± 0.05
0.45 ± 0.15
0.55 ± 0.10
0.55 ± 0.10
(0.012 ± 0.002)
(0.018 ± 0.006)
(0.022 ± 0.004)
(0.022 ± 0.004)
I1
0.20 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
0.42 ± 0.20
(0.008 ± 0.004)
(0.012 ± 0.008)
(0.012 ± 0.008)
(0.017 ± 0.008)
I2
0.20 ± 0.10
0.30 ± 0.20
0.40 ± 0.25
0.35 ± 0.25
(0.008 ± 0.004)
(0.012 ± 0.008)
(0.016 ± 0.010)
(0.020 ± 0.014)
Value - TCR Table (Continued)
Part Number
TR Range
(Ohms)
TR Tolerance
TCR
(PPM/°C)
CRT1206-CZ
1 to 2.5 meg
0.25 %
50
CRT1206-DV
24.9 to 50K
0.50 %
5
CRT1206-DW
4.7 to 1 meg
0.50 %
10
CRT1206-DX
4.7 to 1 meg
0.50 %
15
CRT1206-DY
1 to 2.5 meg
0.50 %
25
CRT1206-DZ
1 to 2.5 meg
0.50 %
50
CRT1206-FV
24.9 to 50K
1.00 %
5
CRT1206-FW
4.7 to 1 meg
1.00 %
10
CRT1206-FX
4.7 to 1 meg
1.00 %
15
CRT1206-FY
1 to 2.5 meg
1.00 %
25
CRT1206-FZ
1 to 2.5 meg
1.00 %
50
CRT1206-PV
24.9 to 50K
0.01 %
5
CRT1206-PW
24.9 to 500K
0.01 %
10
CRT1206-PX
24.9 to 500K
0.01 %
15
CRT1206-PY
24.9 to 500K
0.01 %
25
CRT1206-PZ
24.9 to 500K
0.01 %
50
Recommended Land Pattern
BA
C
Dimension
Model
CRT0402
Model
CRT0603
Model
CRT0805
Model
CRT1206
A
0.50
(0.020)
0.80
(0.031)
1.00
(0.039)
2.00
(0.079)
B
0.50
(0.020)
1.00
(0.039)
1.00
(0.039)
1.15
(0.045)
C
0.60 ± 0.20
(0.024 ± 0.008)
0.90 ± 0.20
(0.035 ± 0.008)
1.35 ± 0.20
(0.053 ± 0.008)
1.70 ± 0.20
(0.067 ± 0.008)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - CRT0603-DY

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-DY-1003GLF BOURNS-CRT0603-DY-1003GLF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
CRT0603-DY1003EAS BOURNS-CRT0603-DY1003EAS Datasheet
397Kb / 4P
   Sulfur-Resistant Thin Film Precision Chip Resistors
CRT0603-DY1003GAS BOURNS-CRT0603-DY1003GAS Datasheet
397Kb / 4P
   Sulfur-Resistant Thin Film Precision Chip Resistors
More results

Similar Description - CRT0603-DY

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT1206 BOURNS-CRT1206 Datasheet
275Kb / 1P
   CRT Series Thin Film Precision Chip
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com