Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1640B-IMC Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1640B-IMC
Description  0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640B-IMC Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1640B-IMC Datasheet HTML 5Page - Microchip Technology MCP1640B-IMC Datasheet HTML 6Page - Microchip Technology MCP1640B-IMC Datasheet HTML 7Page - Microchip Technology MCP1640B-IMC Datasheet HTML 8Page - Microchip Technology MCP1640B-IMC Datasheet HTML 9Page - Microchip Technology MCP1640B-IMC Datasheet HTML 10Page - Microchip Technology MCP1640B-IMC Datasheet HTML 11Page - Microchip Technology MCP1640B-IMC Datasheet HTML 12Page - Microchip Technology MCP1640B-IMC Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2010 Microchip Technology Inc.
DS22234A-page 9
MCP1640/B/C/D
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Switch Node Pin (SW)
Connect the inductor from the input voltage to the SW
pin. The SW pin carries inductor current and can be as
high as 800 mA peak. The integrated N-Channel switch
drain and integrated P-Channel switch source are inter-
nally connected at the SW node.
3.2
Ground Pin (GND)
The ground or return pin is used for circuit ground con-
nection. Length of trace from input cap return, output
cap return and GND pin should be made as short as
possible to minimize noise on the GND pin. In the
SOT23-6 package, a single ground pin is used.
3.3
Enable Pin (EN)
The EN pin is a logic-level input used to enable or
disable device switching and lower quiescent current
while disabled. A logic high (>90% of VIN) will enable
the regulator output. A logic low (<20% of VIN) will
ensure that the regulator is disabled.
3.4
Feedback Voltage Pin (FB)
The FB pin is used to provide output voltage regulation
by using a resistor divider. The FB voltage will be 1.21V
typical with the output voltage in regulation.
3.5
Output Voltage Pin (VOUT)
The output voltage pin connects the integrated
P-Channel MOSFET to the output capacitor. The FB
voltage divider is also connected to the VOUT pin for
voltage regulation.
3.6
Power Supply Input Voltage Pin
(VIN)
Connect the input voltage source to VIN. The input
source should be decoupled to GND with a 4.7 µF
minimum capacitor.
3.7
Signal Ground Pin (SGND)
The signal ground pin is used as a return for the
integrated VREF and error amplifier. In the 2x3 DFN
package, the SGND and power ground (PGND) pins are
connected externally.
3.8
Power Ground Pin (PGND)
The power ground pin is used as a return for the high-
current N-Channel switch. In the 2x3 DFN package, the
PGND and signal ground (SGND) pins are connected
externally.
3.9
Output Voltage Sense Pin (VOUTS)
The output voltage sense pin connects the regulated
output voltage to the internal bias circuits. In the 2x3
DFN package, VOUTS and VOUTP are connected
externally.
3.10
Output Voltage Power Pin (VOUTP)
The output voltage power pin connects the output volt-
age to the switch node. High current flows through the
integrated P-Channel and out of this pin to the output
capacitor and output. In the 2x3 DFN package, VOUTS
and VOUTP are connected externally.
3.11
Exposed Thermal Pad (EP)
There is no internal electrical connection between the
Exposed Thermal Pad (EP) and the PGND and SGND
pins. They must be connected to the same potential on
the Printed Circuit Board (PCB).
Pin No.
MCP1640/B/C/D
SOT23
MCP1640/B/C/D
2x3 DFN
Description
SW
1
5
Switch Node, Boost Inductor Input Pin
GND
2
Ground Pin
EN
3
4
Enable Control Input Pin
FB
4
1
Feedback Voltage Pin
VOUT
5
Output Voltage Pin
VIN
6
8
Input Voltage Pin
SGND
2
Signal Ground Pin
PGND
3
Power Ground Pin
VOUTS
7
Output Voltage Sense Pin
VOUTP
6
Output Voltage Power Pin
EP
9
Exposed Thermal Pad (EP); must be connected to VSS.


Similar Part No. - MCP1640B-IMC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640B-IMC MICROCHIP-MCP1640B-IMC Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640B-IMC MICROCHIP-MCP1640B-IMC Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640B-IMC MICROCHIP-MCP1640B-IMC Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
More results

Similar Description - MCP1640B-IMC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91133 RENESAS-ISL91133 Datasheet
204Kb / 2P
   High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com