Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP201IMF Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP201IMF
Description  LIN Transceiver with Voltage Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201IMF Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP201IMF Datasheet HTML 2Page - Microchip Technology MCP201IMF Datasheet HTML 3Page - Microchip Technology MCP201IMF Datasheet HTML 4Page - Microchip Technology MCP201IMF Datasheet HTML 5Page - Microchip Technology MCP201IMF Datasheet HTML 6Page - Microchip Technology MCP201IMF Datasheet HTML 7Page - Microchip Technology MCP201IMF Datasheet HTML 8Page - Microchip Technology MCP201IMF Datasheet HTML 9Page - Microchip Technology MCP201IMF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MCP201
DS21730F-page 6
© 2007 Microchip Technology Inc.
1.4
Typical Applications
FIGURE 1-2:
TYPICAL MCP201 APPLICATION(1,2)
FIGURE 1-3:
TYPICAL LIN NETWORK CONFIGURATION
LIN bus
D2(4)
VBAT
LIN
VREG
TXD
RXD
VSS
VDD
VSS
TXD
RXD
+5V
PIC®
+12V
10 uF
CG
CS/WAKE
I/O
FAULT/SLPS
I/O
27V
1k
Ω
+12V
Master Node Only
+12V
10 k
Ω
WAKE-UP
VREG or VSS
100 k
Ω
Optional components(5)
Optional components
MCP201
CF
D1(3)
Note 1: The load capacitor, CG, should be a ceramic or tantalum rated for extended temperatures and be in
the range of 1.0 - 22 µF with an ESR 0.4
Ω - 5Ω..
2: CF if the filter capacitor for the external voltage supply.
3: This diode is only needed if CS/WAKE is connected to 12V supply.
4: Transient suppressor diode. Vclamp L = 40V.
5: These components are for load dump protection.
24V
MCU
LIN bus
MCP201
Master
µC
1k
Ω
VBAT
Slave 1
µC
Slave 2
µC
Slave n <16
µC
40m
+ Return
LIN bus
LIN bus
MCP201
LIN bus
MCP201
LIN bus
MCP201


Similar Part No. - MCP201IMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201IMF MICROCHIP-MCP201IMF Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
More results

Similar Description - MCP201IMF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
   LIN Transceiver with Voltage Regulator
2005-2012
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com