Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP201IP Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP201IP
Description  LIN Transceiver with Voltage Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP201IP Datasheet(HTML) 4 Page - Microchip Technology

  MCP201IP Datasheet HTML 1Page - Microchip Technology MCP201IP Datasheet HTML 2Page - Microchip Technology MCP201IP Datasheet HTML 3Page - Microchip Technology MCP201IP Datasheet HTML 4Page - Microchip Technology MCP201IP Datasheet HTML 5Page - Microchip Technology MCP201IP Datasheet HTML 6Page - Microchip Technology MCP201IP Datasheet HTML 7Page - Microchip Technology MCP201IP Datasheet HTML 8Page - Microchip Technology MCP201IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MCP201
DS21730F-page 4
© 2007 Microchip Technology Inc.
1.3
Modes of Operation
For an overview of all operational modes, please refer
to Table 1-2.
1.3.1
POWER-DOWN MODE
In the Power-down mode, the transmitter and the
voltage regulator are both off. Only the receiver section
and the CS/WAKE pin wake-up circuits are in
operation. This is the lowest power mode.
If any bus activity (e.g., a BREAK character) should
occur during Power-down mode, the device will
immediately enable the voltage regulator. Once the
output has stabilized, the device will enter Ready
mode.
The part will enter the Operation mode, if the CS/WAKE
pin should become active-high (‘1’).
1.3.2
READY AND READY1 MODES
There are two states for the Ready mode. The only
difference between these states is the transition during
start-up. The state Ready1 mode ensures that the
transition from Ready to Operation mode (once a rising
edge of CS/WAKE) occurs without disrupting bus
traffic.
Immediately upon entering either Ready1 or Ready
mode, the voltage regulator will turn on and provide
power. The transmitter portion of the circuit is off, with
all other circuits (including the receiver) of the MCP201
being fully operational. The LIN pin is kept in a
recessive state.
If a microcontroller is being driven by the voltage
regulator output, it will go through a power-on reset and
initialization sequence. All other circuits, other than the
transmitter, are fully operational. The LIN pin is held in
the recessive state.
The device will stay in Ready mode until the CS/WAKE
pin transitions high (‘1’). After CS/WAKE is active, the
transmitter is enabled and the device enters Operation
mode.
The device may only enter Power-down mode after
going through the Operation mode step.
At power-on of the VBAT supply pin, the component is
in either Ready or Ready1 mode, waiting for a
CS/WAKE rising edge.
The MCP201 will stay in either mode for 600 µs as the
regulator powers its internal circuitry and waits until the
CS/WAKE pin transitions high. During the 600 µs
delay, the MCP201 will not recognize a CS/WAKE
event. The CS/WAKE transition from low to high should
not occur until after this delay.
• The CS input is edge, not level, sensitive.
• The CS pin is not monitored until approximately
600 µs after VREG has stabized.
• The transistion from Ready1 to Ready is made on
the falling edge of CS.
• The transition from Ready mode to Operational
mode is on the rising edge of CS.
1.3.3
OPERATION MODE
In this mode, all internal modules are operational.
The MCP201 will go into Power-down mode on the
falling edge of CS/WAKE.
FIGURE 1-1:
OPERATIONAL MODES
STATE DIAGRAMS
1.3.4
DESCRIPTION OF BROWNOUT
CONDITIONS
As VBAT decreases VREG is regulated to 5.0 VDC (see
VREG in Section 2.2 “DC Specifications”) while VBAT
is greater than 5.5 - 6.0 VDC.
As VBAT decreases further VREG tracks VBAT (VREG =
VBAT - (0.5 to 1.0) VDC.
The MCP201 monitors VREG and as long as VREG does
not fall below VSD (see VSD in Section 2.2 “DC Spec-
ifications”), VREG will remain powered.
As VBAT increases VREG will continue to track VBAT
until VREG reaches 5.0 VDC.
If VREG falls below VSD, VREG is turned off and the
MCP201 powers itself down.
The MCP201 will remain powered down until VBAT
increases above VON (see VON in Section 2.2 “DC
Specifications”.
Note:
After power-on, CS will not be sampled
until VREG has stabized and an additional
600 µs has elapsed. The microcontroller
should toggle CS approximately 1mS after
RESET to ensure that CS will be recog-
nized.
Note:
While the MCP201 is in shutdown, TXD
should not be actively driven high. If TXD
is driven high actively, it may power
internal logic.
Operation
Mode
Power-down
Mode
Ready
Mode
Bus Activity
CS/WAKE = true
CS/WAKE = true
POR
CS/WAKE = false
Ready1
Mode
CS/WAKE = true
CS/WAKE = false
Start
FLT
FLT


Similar Part No. - MCP201IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201IP MICROCHIP-MCP201IP Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
More results

Similar Description - MCP201IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
   LIN Transceiver with Voltage Regulator
2005-2012
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com